Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC71-04E/SP Datasheet(PDF) 145 Page - Microchip Technology

Part # PIC16LC71-04E/SP
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04E/SP Datasheet(HTML) 145 Page - Microchip Technology

Back Button PIC16LC71-04E/SP Datasheet HTML 141Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 142Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 143Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 144Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 145Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 146Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 147Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 148Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 145
PIC16C71X
Applicable Devices
710 71 711 715
TABLE 15-6:
A/D CONVERTER CHARACTERISTICS
Param
No.
Sym Characteristic
Min
Typ†
Max
Units
Conditions
A01
NR
Resolution
—
—
8 bits
bits
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A02
EABS Absolute error
PIC16C71
—
—
<
±1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
PIC16LC71
—
—
<
±2
LSb
VREF = VDD = 3.0V (Note 3)
A03
EIL
Integral linearity error
PIC16C71
—
—
<
±1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
PIC16LC71
—
—
<
±2
LSb
VREF = VDD = 3.0V (Note 3)
A04
EDL
Differential linearity error
PIC16C71
—
—
<
±1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
PIC16LC71
—
—
<
±2
LSb
VREF = VDD = 3.0V (Note 3)
A05
EFS
Full scale error
PIC16C71
—
—
<
±1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
PIC16LC71
—
—
<
±2
LSb
VREF = VDD = 3.0V (Note 3)
A06
EOFF Offset error
PIC16C71
—
—
<
±1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
PIC16LC71
—
—
<
±2
LSb
VREF = VDD = 3.0V (Note 3)
A10
—
Monotonicity
—
guaranteed
—
—
VSS
≤ VAIN ≤ VREF
A20
VREF Reference voltage
3.0V
—
VDD + 0.3
V
A25
VAIN
Analog input voltage
VSS - 0.3
—
VREF
V
A30
ZAIN
Recommended impedance of analog
voltage source
—
—
10.0
k
Ω
A40
IAD
A/D conversion current (VDD)
—
180
—
µA
Average current consump-
tion when A/D is on. (Note 1)
A50
IREF
VREF input current (Note 2)
PIC16C71
10
—
—
—
1000
40
µA
µA
During VAIN acquisition.
Based on differential of
VHOLD to VAIN.
To charge CHOLD see
Section 7.1.
During A/D Conversion cycle
PIC16LC71
—
—
—
—
1
10
mA
µA
During VAIN acquisition.
Based on differential of
VHOLD to VAIN.
To charge CHOLD see
Section 7.1.
During A/D Conversion cycle
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
When A/D is off, it will not consume any current other than minor leakage current. The power-down current spec includes
any such leakage from the A/D module.
2:
VREF current is from RA3 pin or VDD pin, whichever is selected as reference input.
3:
These specifications apply if VREF = 3.0V and if VDD
≥ 3.0V. VAIN must be between VSS and VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com