Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC71-04E/SP Datasheet(PDF) 148 Page - Microchip Technology

Part # PIC16LC71-04E/SP
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04E/SP Datasheet(HTML) 148 Page - Microchip Technology

Back Button PIC16LC71-04E/SP Datasheet HTML 144Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 145Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 146Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 147Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 148Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 149Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 150Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 151Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 176 page
background image
PIC16C71X
DS30272A-page 148
© 1997 Microchip Technology Inc.
Applicable Devices
710 71 711 715
FIGURE 16-4: TYPICAL RC OSCILLATOR
FREQUENCY VS. VDD
FIGURE 16-5: TYPICAL IPD VS. VDD
WATCHDOG TIMER
DISABLED 25
°C
0
3.0
VDD (Volts)
Cext = 300 pF, T = 25
°C
R = 100k
3.5
4.0
4.5
5.0
5.5
6.0
.1
.2
.3
.4
.5
.6
.7
.8
R = 10k
R = 4.7k
R = 3.3k
0.0
3.0
VDD (Volts)
0.1
0.2
0.3
0.4
0.5
0.6
3.5
4.0
4.5
5.0
5.5
6.0
TABLE 16-1:
RC OSCILLATOR
FREQUENCIES
The percentage variation indicated here is part to part
variation due to normal process distribution. The varia-
tion indicated is
±3 standard deviation from average
value for VDD = 5V.
FIGURE 16-6: TYPICAL IPD VS. VDD
WATCHDOG TIMER ENABLED
25
°C
Cext
Rext
Average
FOSC @ 5V, 25
°C
20 pF
4.7k
10k
100k
4.52 MHz
2.47 MHz
290.86 kHz
±17.35%
±10.10%
±11.90%
100 pF
3.3k
4.7k
10k
100k
1.92 MHz
1.49 MHz
788.77 kHz
88.11 kHz
±9.43%
±9.83%
±10.92%
±16.03%
300 pF
3.3k
4.7k
10k
100k
726.89 kHz
573.95 kHz
307.31 kHz
33.82 kHz
±10.97%
±10.14%
±10.43%
±11.24%
VDD (Volts)
0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2
4
6
8
10
12
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com