Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC71-04E/SP Datasheet(PDF) 151 Page - Microchip Technology

Part # PIC16LC71-04E/SP
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04E/SP Datasheet(HTML) 151 Page - Microchip Technology

Back Button PIC16LC71-04E/SP Datasheet HTML 147Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 148Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 149Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 150Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 151Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 152Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 153Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 154Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 151
PIC16C71X
Applicable Devices
710 71 711 715
FIGURE 16-12: TYPICAL IDD VS. FREQ (EXT CLOCK, 25
°C)
FIGURE 16-13: MAXIMUM, IDD VS. FREQ (EXT CLOCK, -40
° TO +85°C)
1
10
100
1,000
10,000
10,000
100,000
1,000,000
10,000,000
100,000,000
Frequency (Hz)
6.0
5.5
5.0
4.5
4.0
3.5
3.0
10
100
1,000
10,000
10,000
100,000
1,000,000
10,000,000
100,000,000
Frequency (Hz)
6.0
5.5
5.0
4.5
4.0
3.5
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com