Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC71-04E/SP Datasheet(PDF) 152 Page - Microchip Technology

Part # PIC16LC71-04E/SP
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04E/SP Datasheet(HTML) 152 Page - Microchip Technology

Back Button PIC16LC71-04E/SP Datasheet HTML 148Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 149Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 150Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 151Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 152Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 153Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 154Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 155Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 176 page
background image
PIC16C71X
DS30272A-page 152
© 1997 Microchip Technology Inc.
Applicable Devices
710 71 711 715
FIGURE 16-14: MAXIMUM IDD VS. FREQ WITH A/D OFF (EXT CLOCK, -55
° TO +125°C)
10
100
1,000
10,000
10,000
100,000
1,000,000
10,000,000
100,000,000
Frequency (Hz)
6.0
5.5
5.0
4.5
4.0
3.5
3.0
FIGURE 16-15: WDT TIMER TIME-OUT
PERIOD VS. VDD
50
45
40
35
30
25
20
15
10
5
2
3
4
5
6
7
VDD (Volts)
Max, 85
°C
Max, 70
°C
Typ, 25
°C
Min, 0
°C
Min, -40
°C
FIGURE 16-16: TRANSCONDUCTANCE (gm)
OF HS OSCILLATOR VS. VDD
Min, 85
°C
Typ, 25
°C
Max, -40
°C
2
3
4
5
6
7
VDD (Volts)
0
9000
8000
7000
6000
5000
4000
3000
2000
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com