Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5000-3MTC/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5000-3MTC/NOPB
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5000-3MTC/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5000-3MTC/NOPB Datasheet HTML 3Page - Texas Instruments LM5000-3MTC/NOPB Datasheet HTML 4Page - Texas Instruments LM5000-3MTC/NOPB Datasheet HTML 5Page - Texas Instruments LM5000-3MTC/NOPB Datasheet HTML 6Page - Texas Instruments LM5000-3MTC/NOPB Datasheet HTML 7Page - Texas Instruments LM5000-3MTC/NOPB Datasheet HTML 8Page - Texas Instruments LM5000-3MTC/NOPB Datasheet HTML 9Page - Texas Instruments LM5000-3MTC/NOPB Datasheet HTML 10Page - Texas Instruments LM5000-3MTC/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
VIN (V)
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
7
8
125
oC
25
oC
-40
oC
TEMPERATURE (
oC)
-40 -20
0
20
40
60
80 100 120
250
300
350
400
450
500
550
600
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (
oC)
520
540
560
580
600
620
640
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (
oC)
1.14
1.18
1.22
1.26
1.30
1.34
1.38
LM5000
www.ti.com
SNVS176D – MAY 2004 – REVISED MARCH 2007
Typical Performance Characteristics (continued)
fSW vs. Temperature @ FS = Low (-6)
fSW vs. Temperature @ FS = OPEN (-6)
Figure 15.
Figure 16.
Error Amp. Transconductance vs Temp.
BYP Pin Voltage vs VIN
Figure 17.
Figure 18.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com