Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5000-3MTC/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM5000-3MTC/NOPB
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5000-3MTC/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5000-3MTC/NOPB Datasheet HTML 10Page - Texas Instruments LM5000-3MTC/NOPB Datasheet HTML 11Page - Texas Instruments LM5000-3MTC/NOPB Datasheet HTML 12Page - Texas Instruments LM5000-3MTC/NOPB Datasheet HTML 13Page - Texas Instruments LM5000-3MTC/NOPB Datasheet HTML 14Page - Texas Instruments LM5000-3MTC/NOPB Datasheet HTML 15Page - Texas Instruments LM5000-3MTC/NOPB Datasheet HTML 16Page - Texas Instruments LM5000-3MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM5000-3MTC/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
m1 #
VINRDSON
L
(in V/s)
n = 1+
2mc
m1
(no unit)
Leff =
L
(D')
2
Z
c
(in rad/s)
2fs
nD'
#
ADC(DB) = 20log10
{[(ZcLeff)// RL]//RL} (in dB)
RFB1 + RFB2
RFB2
(
)
gmROD'
RDSON
fPC2 =
1
2SCC2(RC //RO)
(in Hz)
LM5000
SNVS176D – MAY 2004 – REVISED MARCH 2007
www.ti.com
Now RC can be chosen with the selected value for CC. Check to make sure that the pole fPC is still in the 10Hz to
100Hz range, change each value slightly if needed to ensure both component values are in the recommended
range. After checking the design at the end of this section, these values can be changed a little more to optimize
performance if desired. This is best done in the lab on a bench, checking the load step response with different
values until the ringing and overshoot on the output voltage at the edge of the load steps is minimal. This should
produce a stable, high performance circuit. For improved transient response, higher values of RC (within the
range of values) should be chosen. This will improve the overall bandwidth which makes the regulator respond
more quickly to transients. If more detail is required, or the most optimal performance is desired, refer to a more
in depth discussion of compensating current mode DC/DC switching regulators.
HIGH OUTPUT CAPACITOR ESR COMPENSATION
When using an output capacitor with a high ESR value, or just to improve the overall phase margin of the control
loop, another pole may be introduced to cancel the zero created by the ESR. This is accomplished by adding
another capacitor, CC2, directly from the compensation pin VC to ground, in parallel with the series combination of
RC and CC. The pole should be placed at the same frequency as fZ1, the ESR zero. The equation for this pole
follows:
(13)
To ensure this equation is valid, and that CC2 can be used without negatively impacting the effects of RC and CC,
fPC2 must be greater than 10fPC.
CHECKING THE DESIGN
The final step is to check the design. This is to ensure a bandwidth of ½ or less of the frequency of the RHP
zero. This is done by calculating the open-loop DC gain, ADC. After this value is known, you can calculate the
crossover visually by placing a
−20dB/decade slope at each pole, and a +20dB/decade slope for each zero. The
point at which the gain plot crosses unity gain, or 0dB, is the crossover frequency. If the crossover frequency is
at less than ½ the RHP zero, the phase margin should be high enough for stability. The phase margin can also
be improved some by adding CC2 as discussed earlier in the section. The equation for ADC is given below with
additional equations required for the calculation:
(14)
(15)
(16)
(17)
mc
≊ 0.072fs (in A/s)
(18)
where
•
RL is the minimum load resistance
•
VIN is the maximum input voltage
•
RDSON is the value chosen from the graph "RDSON vs. VIN " in the Typical Performance Characteristics
section
(19)
SWITCH VOLTAGE LIMITS
In a flyback regulator, the maximum steady-state voltage appearing at the switch, when it is off, is set by the
transformer turns ratio, N, the output voltage, VOUT, and the maximum input voltage, VIN (Max):
VSW(OFF) = VIN (Max) + (VOUT +VF)/N
where
•
VF is the forward biased voltage of the output diode, and is typically 0.5V for Schottky diodes and 0.8V for
ultra-fast recovery diodes
(20)
14
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Links: LM5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com