Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C64-04/P Datasheet(PDF) 129 Page - Microchip Technology

Part # PIC16C64-04/P
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C64-04/P Datasheet(HTML) 129 Page - Microchip Technology

Back Button PIC16C64-04/P Datasheet HTML 125Page - Microchip Technology PIC16C64-04/P Datasheet HTML 126Page - Microchip Technology PIC16C64-04/P Datasheet HTML 127Page - Microchip Technology PIC16C64-04/P Datasheet HTML 128Page - Microchip Technology PIC16C64-04/P Datasheet HTML 129Page - Microchip Technology PIC16C64-04/P Datasheet HTML 130Page - Microchip Technology PIC16C64-04/P Datasheet HTML 131Page - Microchip Technology PIC16C64-04/P Datasheet HTML 132Page - Microchip Technology PIC16C64-04/P Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 336 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 129
PIC16C6X
13.4
Power-on Reset (POR), Power-up
Timer (PWRT), Oscillator Start-up
Timer (OST) and Brown-out Reset
(BOR)
13.4.1
POWER-ON RESET (POR)
A Power-on Reset pulse is generated on-chip when
VDD rise is detected (in the range of 1.5V - 2.1V). To
take advantage of the POR, just tie the MCLR/VPP pin
directly (or through a resistor) to VDD. This will elimi-
nate external RC components usually needed to create
a Power-on Reset. A maximum rise time for VDD is
required. See Electrical Specifications for details.
When the device starts normal operation (exits the
reset condition), device operating parameters (voltage,
frequency, temperature, ...) must be met to ensure
operation. If these conditions are not met, the device
must be held in reset until the operating conditions are
met. Brown-out Reset may be used to meet the startup
conditions.
For additional information, refer to Application Note
AN607, “
Power-up Trouble Shooting.”
13.4.2
POWER-UP TIMER (PWRT)
The Power-up Timer provides a fixed 72 ms nominal
time-out on power-up only, from POR. The Power-up
Timer operates on an internal RC oscillator. The chip is
kept in reset as long as PWRT is active. The PWRT’s
time delay allows VDD to rise to an acceptable level. A
configuration bit is provided to enable/disable the
PWRT.
The power-up time delay will vary from chip to chip due
to VDD, temperature, and process variation. See DC
parameters for details.
13.4.3
OSCILLATOR START-UP TIMER (OST)
The Oscillator Start-up Timer (OST) provides 1024
oscillator cycle (from OSC1 input) delay after the
PWRT delay is over. This ensures the crystal oscillator
or resonator has started and stabilized.
The OST time-out is invoked only for XT, LP and HS
modes and only on Power-on Reset or wake-up from
SLEEP.
13.4.4
BROWN-OUT RESET (BOR)
A configuration bit, BODEN, can disable (if clear/pro-
grammed) or enable (if set) the Brown-out Reset cir-
cuitry. If VDD falls below 4.0V (parameter D005 in
Electrical Specification section) for greater than param-
eter #34 (see Electrical Specification section), the
brown-out situation will reset the chip. A reset may not
occur if VDD falls below 4.0V for less than parameter
#34. The chip will remain in Brown-out Reset until VDD
rises above BVDD. The Power-up Timer will now be
invoked and will keep the chip in RESET an additional
72 ms. If VDD drops below BVDD while the Power-up
Timer is running, the chip will go back into a Brown-out
Reset and the Power-up Timer will be initialized. Once
VDD rises above BVDD, the Power-up Timer will exe-
cute a 72 ms time delay. The Power-up Timer should
always be enabled when Brown-out Reset is enabled.
Figure 13-10 shows typical brown-out situations.
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
FIGURE 13-10: BROWN-OUT SITUATIONS
72 ms
BVDD Max.
BVDD Min.
VDD
Internal
Reset
BVDD Max.
BVDD Min.
VDD
Internal
Reset
72 ms
<72 ms
72 ms
BVDD Max.
BVDD Min.
VDD
Internal
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com