Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C64-04/P Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC16C64-04/P
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C64-04/P Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC16C64-04/P Datasheet HTML 127Page - Microchip Technology PIC16C64-04/P Datasheet HTML 128Page - Microchip Technology PIC16C64-04/P Datasheet HTML 129Page - Microchip Technology PIC16C64-04/P Datasheet HTML 130Page - Microchip Technology PIC16C64-04/P Datasheet HTML 131Page - Microchip Technology PIC16C64-04/P Datasheet HTML 132Page - Microchip Technology PIC16C64-04/P Datasheet HTML 133Page - Microchip Technology PIC16C64-04/P Datasheet HTML 134Page - Microchip Technology PIC16C64-04/P Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 336 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 131
PIC16C6X
TABLE 13-9:
STATUS BITS AND THEIR SIGNIFICANCE FOR
PIC16C62A/R62/63/R63/64A/R64/65A/R65/66/67
TABLE 13-10: RESET CONDITION FOR SPECIAL REGISTERS ON PIC16C61/62/64/65
TABLE 13-11: RESET CONDITION FOR SPECIAL REGISTERS ON
PIC16C62A/R62/63/R63/64A/R64/65A/R65/66/67
POR
BOR
TO
PD
0x11
Power-on Reset
0x0x
Illegal, TO is set on a Power-on Reset
0xx0
Illegal, PD is set on a Power-on Reset
10xx
Brown-out Reset
1101
WDT Reset
1100
WDT Wake-up
11uu
MCLR reset during normal operation
1110
MCLR reset during SLEEP or interrupt wake-up from SLEEP
Legend: x = unknown, u = unchanged
Program Counter
STATUS
PCON(2)
Power-on Reset
000h
0001 1xxx
---- --0-
MCLR reset during normal operation
000h
000u uuuu
---- --u-
MCLR reset during SLEEP
000h
0001 0uuu
---- --u-
WDT Reset
000h
0000 1uuu
---- --u-
WDT Wake-up
PC + 1
uuu0 0uuu
---- --u-
Interrupt wake-up from SLEEP
PC + 1(1)
uuu1 0uuu
---- --u-
Legend: u = unchanged, x = unknown, - = unimplemented bit read as '0'.
Note 1: When the wake-up is due to an interrupt and the global enable bit, GIE is set, the PC is loaded with the inter-
rupt vector (0004h) after execution of PC+1.
2: The PCON register is not implemented on the PIC16C61.
Program Counter
STATUS
PCON
Power-on Reset
000h
0001 1xxx
---- --0x
MCLR reset during normal operation
000h
000u uuuu
---- --uu
MCLR reset during SLEEP
000h
0001 0uuu
---- --uu
WDT Reset
000h
0000 1uuu
---- --uu
Brown-out Reset
000h
0001 1uuu
---- --u0
WDT Wake-up
PC + 1
uuu0 0uuu
---- --uu
Interrupt wake-up from SLEEP
PC + 1(1)
uuu1 0uuu
---- --uu
Legend: u = unchanged, x = unknown, - = unimplemented bit read as '0'.
Note 1: When the wake-up is due to an interrupt and global enable bit, GIE is set, the PC is loaded with the interrupt
vector (0004h) after execution of PC+1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com