Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C77-04E/SS Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16C77-04E/SS
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C77-04E/SS Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16C77-04E/SS Datasheet HTML 87Page - Microchip Technology PIC16C77-04E/SS Datasheet HTML 88Page - Microchip Technology PIC16C77-04E/SS Datasheet HTML 89Page - Microchip Technology PIC16C77-04E/SS Datasheet HTML 90Page - Microchip Technology PIC16C77-04E/SS Datasheet HTML 91Page - Microchip Technology PIC16C77-04E/SS Datasheet HTML 92Page - Microchip Technology PIC16C77-04E/SS Datasheet HTML 93Page - Microchip Technology PIC16C77-04E/SS Datasheet HTML 94Page - Microchip Technology PIC16C77-04E/SS Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 288 page
background image
© 1997 Microchip Technology Inc.
DS30390E-page 91
PIC16C7X
Figure 11-19 and Figure 11-20 show Master-transmit-
ter and Master-receiver data transfer sequences.
When a master does not wish to relinquish the bus (by
generating a STOP condition), a repeated START con-
dition (Sr) must be generated. This condition is identi-
cal to the start condition (SDA goes high-to-low while
SCL is high), but occurs after a data transfer acknowl-
edge pulse (not the bus-free state). This allows a mas-
ter to send “commands” to the slave and then receive
the requested information or to address a different
slave device. This sequence is shown in Figure 11-21.
FIGURE 11-19: MASTER-TRANSMITTER SEQUENCE
FIGURE 11-20: MASTER-RECEIVER SEQUENCE
FIGURE 11-21: COMBINED FORMAT
For 7-bit address:
S
Slave Address
First 7 bits
S
R/W A1 Slave Address
Second byte
A2
Data A
Data
P
A master transmitter addresses a slave receiver
with a 10-bit address.
A/A
Slave Address R/W A Data A Data A/A P
'0' (write)
data transferred
(n bytes - acknowledge)
A master transmitter addresses a slave receiver with a
7-bit address. The transfer direction is not changed.
From master to slave
From slave to master
A = acknowledge (SDA low)
A = not acknowledge (SDA high)
S = Start Condition
P = Stop Condition
(write)
For 10-bit address:
For 7-bit address:
S
Slave Address
First 7 bits
S
R/W A1 Slave Address
Second byte
A2
A master transmitter addresses a slave receiver
with a 10-bit address.
Slave Address R/W A Data A Data A P
'1' (read)
data transferred
(n bytes - acknowledge)
A master reads a slave immediately after the first byte.
From master to slave
From slave to master
A = acknowledge (SDA low)
A = not acknowledge (SDA high)
S = Start Condition
P = Stop Condition
(write)
For 10-bit address:
Slave Address
First 7 bits
Sr
R/W A3
A
Data A
P
Data
(read)
Combined format:
S
Combined format - A master addresses a slave with a 10-bit address, then transmits
Slave Address R/W A Data A/A Sr
P
(read)
Sr = repeated
Transfer direction of data and acknowledgment bits depends on R/W bits.
From master to slave
From slave to master
A = acknowledge (SDA low)
A = not acknowledge (SDA high)
S = Start Condition
P = Stop Condition
Slave Address
First 7 bits
Sr
R/W A
(write)
data to this slave and reads data from this slave.
Slave Address
Second byte
Data
Sr Slave Address
First 7 bits
R/W A Data A
A P
A
A
Data A/A
Data
(read)
Slave Address R/W A Data A/A
Start Condition
(write)
Direction of transfer
may change at this point
(read or write)
(n bytes + acknowledge)
Applicable Devices
72 73 73A 74 74A 76 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com