Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C77-04E/SS Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC16C77-04E/SS
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C77-04E/SS Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC16C77-04E/SS Datasheet HTML 12Page - Microchip Technology PIC16C77-04E/SS Datasheet HTML 13Page - Microchip Technology PIC16C77-04E/SS Datasheet HTML 14Page - Microchip Technology PIC16C77-04E/SS Datasheet HTML 15Page - Microchip Technology PIC16C77-04E/SS Datasheet HTML 16Page - Microchip Technology PIC16C77-04E/SS Datasheet HTML 17Page - Microchip Technology PIC16C77-04E/SS Datasheet HTML 18Page - Microchip Technology PIC16C77-04E/SS Datasheet HTML 19Page - Microchip Technology PIC16C77-04E/SS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 288 page
background image
PIC16C7X
DS30390E-page 16
© 1997 Microchip Technology Inc.
PORTC is a bi-directional I/O port.
RC0/T1OSO/T1CKI
15
16
32
I/O
ST
RC0 can also be the Timer1 oscillator output or a
Timer1 clock input.
RC1/T1OSI/CCP2
16
18
35
I/O
ST
RC1 can also be the Timer1 oscillator input or
Capture2 input/Compare2 output/PWM2 output.
RC2/CCP1
17
19
36
I/O
ST
RC2 can also be the Capture1 input/Compare1 output/
PWM1 output.
RC3/SCK/SCL
18
20
37
I/O
ST
RC3 can also be the synchronous serial clock input/
output for both SPI and I2C modes.
RC4/SDI/SDA
23
25
42
I/O
ST
RC4 can also be the SPI Data In (SPI mode) or
data I/O (I2C mode).
RC5/SDO
24
26
43
I/O
ST
RC5 can also be the SPI Data Out
(SPI mode).
RC6/TX/CK
25
27
44
I/O
ST
RC6 can also be the USART Asynchronous Transmit or
Synchronous Clock.
RC7/RX/DT
26
29
1
I/O
ST
RC7 can also be the USART Asynchronous Receive or
Synchronous Data.
PORTD is a bi-directional I/O port or parallel slave port
when interfacing to a microprocessor bus.
RD0/PSP0
19
21
38
I/O
ST/TTL(3)
RD1/PSP1
20
22
39
I/O
ST/TTL(3)
RD2/PSP2
21
23
40
I/O
ST/TTL(3)
RD3/PSP3
22
24
41
I/O
ST/TTL(3)
RD4/PSP4
27
30
2
I/O
ST/TTL(3)
RD5/PSP5
28
31
3
I/O
ST/TTL(3)
RD6/PSP6
29
32
4
I/O
ST/TTL(3)
RD7/PSP7
30
33
5
I/O
ST/TTL(3)
PORTE is a bi-directional I/O port.
RE0/RD/AN5
8
9
25
I/O
ST/TTL(3)
RE0 can also be read control for the parallel slave port,
or analog input5.
RE1/WR/AN6
9
10
26
I/O
ST/TTL(3)
RE1 can also be write control for the parallel slave port,
or analog input6.
RE2/CS/AN7
10
11
27
I/O
ST/TTL(3)
RE2 can also be select control for the parallel slave
port, or analog input7.
VSS
12,31
13,34
6,29
P
—
Ground reference for logic and I/O pins.
VDD
11,32
12,35
7,28
P
—
Positive supply for logic and I/O pins.
NC
—
1,17,28,
40
12,13,
33,34
—
These pins are not internally connected. These pins should
be left unconnected.
TABLE 3-3:
PIC16C74/74A/77 PINOUT DESCRIPTION (Cont.’d)
Pin Name
DIP
Pin#
PLCC
Pin#
QFP
Pin#
I/O/P
Type
Buffer
Type
Description
Legend: I = input
O = output
I/O = input/output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note 1:
This buffer is a Schmitt Trigger input when configured as an external interrupt.
2:
This buffer is a Schmitt Trigger input when used in serial programming mode.
3:
This buffer is a Schmitt Trigger input when configured as general purpose I/O and a TTL input when used in the Parallel
Slave Port mode (for interfacing to a microprocessor bus).
4:
This buffer is a Schmitt Trigger input when configured in RC oscillator mode and a CMOS input otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com