Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UZ0103G-8-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UZ0103G-8-AA3-R
Description  1A TRIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ0103G-8-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UZ0103G-8-AA3-R Datasheet HTML 1Page - Unisonic Technologies UZ0103G-8-AA3-R Datasheet HTML 2Page - Unisonic Technologies UZ0103G-8-AA3-R Datasheet HTML 3Page - Unisonic Technologies UZ0103G-8-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UZ0103
Preliminary
TRIAC
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R401-037.D
1A TRIAC
DESCRIPTION
The UTC UZ0103 is a 1A triac, it is suitable for general purpose
AC switching applications, fan speed controllers and home
appliances.
FEATURES
* IGT≤3mA (I-II-III), IGT≤5mA (IV)
ITSM≤8A (t=20ms), ITSM≤8.5A (t=16.7ms)
IT(RMS) ≤1A
SYMBOL
TO-92
1
SOT-223
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
-
UZ0103G-x-AA3-R
SOT-223
MT1
MT2
GATE
Tape Reel
UZ0103L-x-T92-B
UZ0103G-x-T92-B
TO-92
MT1
GATE
MT2
Tape Box
UZ0103L-x-T92-K
UZ0103G-x-T92-K
TO-92
MT1
GATE
MT2
Bulk
UZ0103G-x-AA3-R
(1)Packing Type
(2)Package Type
(3)Peak Voltage
(4)Green Package
(1) R: Tape Reel
(2) AA3: SOT-223, T92: TO-92
(3) 6: 600V, 8: 800V
(4) G: Halogen Free and Lead Free, L: Lead Free
SENSITIVITY AND TYPE
VOLTAGE
VOLTAGE CODE
600V
800V
SENSITIVITY
TYPE
6
◎
3mA
STANDARD
8
◎
3mA
STANDARD


Similar Part No. - UZ0103G-8-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
1A TRIACS
UZ0103XG-AA3-R UTC-UZ0103XG-AA3-R Datasheet
166Kb / 3P
1A TRIACS
UZ0103XG-T92-B UTC-UZ0103XG-T92-B Datasheet
166Kb / 3P
1A TRIACS
UZ0103XG-T92-K UTC-UZ0103XG-T92-K Datasheet
166Kb / 3P
1A TRIACS
UZ0103XG-T92-R UTC-UZ0103XG-T92-R Datasheet
166Kb / 3P
1A TRIACS
More results

Similar Description - UZ0103G-8-AA3-R

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA221A SANKEN-STA221A Datasheet
32Kb / 1P
1A 4 circuits Triac Array
logo
NEC
AC01DGM NEC-AC01DGM Datasheet
1Mb / 6P
1A MOLD TRIAC
logo
Renesas Technology Corp
BCR1BM-16A RENESAS-BCR1BM-16A Datasheet
62Kb / 4P
800V - 1A - Triac Low Power Use
logo
SemiHow Co.,Ltd.
HTT1A80AS SEMIHOW-HTT1A80AS Datasheet
242Kb / 4P
3 Quadrants 1A TRIAC
logo
Renesas Technology Corp
BCR1AM-12A RENESAS-BCR1AM-12A_15 Datasheet
91Kb / 7P
600V-1A-Triac Low Power Use
BCR1BM-16A RENESAS-BCR1BM-16A_15 Datasheet
62Kb / 4P
800V - 1A - Triac Low Power Use
logo
SemiHow Co.,Ltd.
HTB1A80AS SEMIHOW-HTB1A80AS Datasheet
305Kb / 5P
1A TRIAC
logo
DONGGUAN YOU FENG WEI E...
BT131 YFWDIODE-BT131 Datasheet
686Kb / 4P
1A four-quadrant triac
BT134W YFWDIODE-BT134W Datasheet
1Mb / 4P
1A four-quadrant triac
logo
Renesas Technology Corp
AC01DGM RENESAS-AC01DGM Datasheet
1Mb / 8P
1A MOLD TRIAC
1988
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com