Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BSN012N03LSI Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSN012N03LSI
Description  Optimized for high performance Buck converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSN012N03LSI Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSN012N03LSI Datasheet HTML 1Page - Infineon Technologies AG BSN012N03LSI Datasheet HTML 2Page - Infineon Technologies AG BSN012N03LSI Datasheet HTML 3Page - Infineon Technologies AG BSN012N03LSI Datasheet HTML 4Page - Infineon Technologies AG BSN012N03LSI Datasheet HTML 5Page - Infineon Technologies AG BSN012N03LSI Datasheet HTML 6Page - Infineon Technologies AG BSN012N03LSI Datasheet HTML 7Page - Infineon Technologies AG BSN012N03LSI Datasheet HTML 8Page - Infineon Technologies AG BSN012N03LSI Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BSN012N03LSI
OptiMOSTM Power-MOSFET
Features
• Optimized for high performance Buck converter
• Monolithic integrated Schottky like diode
• Very low on-resistance R
DS(on) @ V GS=4.5 V
• 100% avalanche tested
• N-channel
• Qualified according to JEDEC
1) for target applications
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
V GS=10 V, T C=25 °C
50
A
V GS=10 V, T C=100 °C
50
V GS=4.5 V, T C=25 °C
50
V GS=4.5 V,
T C=100 °C
50
V GS=10 V, T A=25 °C,
R thJA=50 K/W
2)
36
Pulsed drain current
3)
I D,pulse
T C=25 °C
200
Avalanche current, single pulse
4)
I AS
T C=25 °C
50
Avalanche energy, single pulse
E AS
I D=50 A, R GS=25 W
145
mJ
Gate source voltage
V GS
±20
V
Value
1) J-STD20 and JESD22
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Type
Package
Marking
BSN012N03LSI
LG-USON-6-1
012N03LI
A
56
nC
V
DS
30
V
R
DS(on),max
1.2
m
W
I
D
50
Q
OSS
33
nC
Q
G(0V..10V)
Product Summary
LG-USON-6-1
Rev. 2.0
page 1
2014-05-23


Similar Part No. - BSN012N03LSI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSN012N03LS INFINEON-BSN012N03LS Datasheet
520Kb / 9P
Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
More results

Similar Description - BSN012N03LSI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC009NE2LS5 INFINEON-BSC009NE2LS5 Datasheet
1Mb / 13P
Optimized for high performance buck converters
Rev.2.0,2015-03-10
BSC026NE2LS5 INFINEON-BSC026NE2LS5 Datasheet
1Mb / 13P
Optimized for high performance buck converters
Rev.2.0,2015-03-10
BSC0511NDI INFINEON-BSC0511NDI Datasheet
668Kb / 15P
Optimized for high performance buck converters
Rev.2.0 2015-03-04
BSG0811ND INFINEON-BSG0811ND Datasheet
699Kb / 15P
Optimized for high performance buck converters
Rev.2.0 2015-03-16
BSN011NE2LS INFINEON-BSN011NE2LS Datasheet
598Kb / 9P
Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN011NE2LSI INFINEON-BSN011NE2LSI Datasheet
509Kb / 9P
Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN012N03LS INFINEON-BSN012N03LS Datasheet
520Kb / 9P
Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN045NE2LS INFINEON-BSN045NE2LS Datasheet
521Kb / 9P
Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN048N03LS INFINEON-BSN048N03LS Datasheet
520Kb / 9P
Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
ISC011N03L5S INFINEON-ISC011N03L5S Datasheet
1Mb / 13P
Optimized for high performance Buck converter
Rev.2.0,2020-02-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com