Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BSN012N03LSI Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSN012N03LSI
Description  Optimized for high performance Buck converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSN012N03LSI Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSN012N03LSI Datasheet HTML 1Page - Infineon Technologies AG BSN012N03LSI Datasheet HTML 2Page - Infineon Technologies AG BSN012N03LSI Datasheet HTML 3Page - Infineon Technologies AG BSN012N03LSI Datasheet HTML 4Page - Infineon Technologies AG BSN012N03LSI Datasheet HTML 5Page - Infineon Technologies AG BSN012N03LSI Datasheet HTML 6Page - Infineon Technologies AG BSN012N03LSI Datasheet HTML 7Page - Infineon Technologies AG BSN012N03LSI Datasheet HTML 8Page - Infineon Technologies AG BSN012N03LSI Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BSN012N03LSI
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Power dissipation
P tot
T C=25 °C
78
W
T A=25 °C,
R thJA=50 K/W
2)
2.5
Operating and storage temperature
T j, T stg
-55 ... 150
°C
IEC climatic category; DIN IEC 68-1
55/150/56
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
bottom
-
-
1.6
K/W
top
-
-
1
Device on PCB
R thJA
6 cm
2 cooling area2)
-
-
50
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
30
-
-
V
Breakdown voltage temperature
coefficient
dV
(BR)DSS
/dT j
I D=10 mA, referenced
to 25 °C
-
15
-
mV/K
Gate threshold voltage
V GS(th)
V DS=V GS, I D=250 µA
1.2
-
2
V
Zero gate voltage drain current
I DSS
V DS=20 V, V GS=0 V,
T j=25 °C
-
-
0.5
mA
V DS=20 V, V GS=0 V,
T j=125 °C
-
3
-
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
10
100
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5 V, I D=30 A
-
1.3
1.6
m
W
V GS=10 V, I D=30 A
-
1.0
1.2
Gate resistance
R G
0.3
0.5
1.0
W
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=30 A
80
160
-
S
Value
Values
3) See figure 3 for more detailed information
Rev. 2.0
page 2
2014-05-23



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com