Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14203HTZ/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14203HTZ/NOPB
Description  SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203HTZ/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMZ14203HTZ/NOPB Datasheet HTML 10Page - Texas Instruments LMZ14203HTZ/NOPB Datasheet HTML 11Page - Texas Instruments LMZ14203HTZ/NOPB Datasheet HTML 12Page - Texas Instruments LMZ14203HTZ/NOPB Datasheet HTML 13Page - Texas Instruments LMZ14203HTZ/NOPB Datasheet HTML 14Page - Texas Instruments LMZ14203HTZ/NOPB Datasheet HTML 15Page - Texas Instruments LMZ14203HTZ/NOPB Datasheet HTML 16Page - Texas Instruments LMZ14203HTZ/NOPB Datasheet HTML 17Page - Texas Instruments LMZ14203HTZ/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
0.47 éF
10 éH
Co
CIN
Cvcc
FB
EN
SS
Vin
Linear reg
RON
Timer
Css
RON
RFBT
RFBB
CFF
Regulator IC
VO
Internal
Passives
VOUT
GND
VIN 1
2
3
4
5
6
7
RENT
RENB
LMZ14203H
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
7.1.1 COT Control Circuit Overview
Constant ON-time control is based on a comparator and an ON-time one-shot, with the output voltage feedback
compared to an internal 0.8-V reference. If the feedback voltage is below the reference, the high-side MOSFET
is turned on for a fixed ON-time determined by a programming resistor RON. RON is connected to VIN such that
ON-time is reduced with increasing input supply voltage. Following this ON-time, the high-side MOSFET remains
off for a minimum of 260 ns. If the voltage on the feedback pin falls below the reference level again the ON-time
cycle is repeated. Regulation is achieved in this manner.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Output Overvoltage Comparator
The voltage at FB is compared to a 0.92-V internal reference. If FB rises above 0.92 V the ON-time is
immediately terminated. This condition is known as overvoltage protection (OVP). It can occur if the input voltage
is increased very suddenly or if the output load is decreased very suddenly. Once OVP is activated, the top
MOSFET ON-times will be inhibited until the condition clears. Additionally, the synchronous MOSFET will remain
on until inductor current falls to zero.
7.3.2 Current Limit
Current limit detection is carried out during the OFF-time by monitoring the current in the synchronous MOSFET.
Referring to the Functional Block Diagram, when the top MOSFET is turned off, the inductor current flows
through the load, the PGND pin and the internal synchronous MOSFET. If this current exceeds 4.2 A (typical) the
current limit comparator disables the start of the next ON-time period. The next switching cycle will occur only if
the FB input is less than 0.8 V and the inductor current has decreased below 4.2 A. Inductor current is monitored
during the period of time the synchronous MOSFET is conducting. So long as inductor current exceeds 4.2 A,
further ON-time intervals for the top MOSFET will not occur. Switching frequency is lower during current limit due
to the longer OFF-time.
14
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com