Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14203HTZ/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14203HTZ/NOPB
Description  SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203HTZ/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMZ14203HTZ/NOPB Datasheet HTML 1Page - Texas Instruments LMZ14203HTZ/NOPB Datasheet HTML 2Page - Texas Instruments LMZ14203HTZ/NOPB Datasheet HTML 3Page - Texas Instruments LMZ14203HTZ/NOPB Datasheet HTML 4Page - Texas Instruments LMZ14203HTZ/NOPB Datasheet HTML 5Page - Texas Instruments LMZ14203HTZ/NOPB Datasheet HTML 6Page - Texas Instruments LMZ14203HTZ/NOPB Datasheet HTML 7Page - Texas Instruments LMZ14203HTZ/NOPB Datasheet HTML 8Page - Texas Instruments LMZ14203HTZ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
LMZ14203H
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 16
8.1
Application Information............................................ 16
2
Applications ........................................................... 1
8.2
Typical Application ................................................. 16
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 21
4
Revision History..................................................... 2
10
Layout................................................................... 21
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 21
6
Specifications......................................................... 3
10.2
Layout Example .................................................... 22
6.1
Absolute Maximum Ratings ...................................... 3
10.3
Power Dissipation and Board Thermal
6.2
ESD Ratings.............................................................. 3
Requirements........................................................... 23
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 25
6.4
Thermal Information .................................................. 4
11.1
Documentation Support ........................................ 25
6.5
Electrical Characteristics........................................... 4
11.2
Community Resources.......................................... 25
6.6
Typical Characteristics .............................................. 6
11.3
Trademarks ........................................................... 25
7
Detailed Description ............................................ 14
11.4
Electrostatic Discharge Caution ............................ 25
7.1
Overview ................................................................. 14
11.5
Glossary ................................................................ 25
7.2
Functional Block Diagram ....................................... 14
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 14
Information ........................................................... 25
7.4
Device Functional Modes........................................ 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (August 2015) to Revision G
Page
•
Added this new bullet to the Power Module SMT Guidelines section .................................................................................. 22
Changes from Revision E (June 2015) to Revision F
Page
•
Changed the title of the document ......................................................................................................................................... 1
Changes from Revision D (October 2013) to Revision E
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision C (June 2011) to Revision D
Page
•
Added Peak Reflow Case Temp = 245°C .............................................................................................................................. 1
•
Changed 10 mils................................................................................................................................................................... 21
•
Added Power Module SMT Guidelines................................................................................................................................. 21
2
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com