Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ22005TZX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22005TZX/NOPB
Description  5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ22005TZX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMZ22005TZX/NOPB Datasheet HTML 1Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 2Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 3Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 4Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 5Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 6Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 7Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 8Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
0
1
2
3
4
5
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
9 VIn
12 Vin
20 Vin
VIN
CIN
22 2F
Enable
RFBT
See Table
CSS
0.47 2F
RFBB
See Table
Co
220 2F
LMZ22005
VOUT @ 5A
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ22005
SNVS686J – MARCH 2011 – REVISED AUGUST 2015
LMZ22005 5-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage
1 Features
2 Applications
1
•
Integrated Shielded Inductor
•
Point-of-load Conversions from 12V Input Rail
•
Simple PCB Layout
•
Time-Critical Projects
•
Frequency Synchronization Input (650 kHz to
•
Space Constrained/High Thermal Requirement
Applications
950 kHz)
•
Negative Output Voltage Applications
•
Flexible Start-up Sequencing Using External
(see AN-2027 SNVA425)
Soft-Start, Tracking and Precision Enable
•
Protection Against Inrush Currents and Faults
3 Description
Such as Input UVLO and Output Short Circuit
The LMZ22005 SIMPLE SWITCHER® power module
•
Junction Temperature Range –40°C to 125°C
is an easy-to-use step-down DC-DC solution capable
•
Single Exposed Pad for Easy Mounting and
of driving up to 5-A load. The LMZ22005 is available
Manufacturing
in an innovative package that enhances thermal
performance
and
allows
for
hand
or
machine
•
Fast Transient Response for Powering FPGAs
soldering.
and ASICs
The LMZ22005 can accept an input voltage rail
•
Fully Enabled for WEBENCH® Power Designer
between 6 V and 20 V and can deliver an adjustable
•
Pin Compatible With
and highly accurate output voltage as low as 0.8 V.
LMZ23605/LMZ23603/LMZ22003
The LMZ22005 only requires two external resistors
•
Electrical Specifications
and three external capacitors to complete the power
–
30-W Maximum Total Output Power
solution. The LMZ22005 is a reliable and robust
design with the following protection features: thermal
–
Up to 5-A Output Current
shutdown,
input
undervoltage
lockout,
output
–
Input Voltage Range 6 V to 20 V
overvoltage protection, short circuit protection, output
–
Output Voltage Range 0.8 V to 6 V
current limit, and the device allows start-up into a
prebiased
output.
The
sync
input
allows
–
Efficiency up to 92%
synchronization over the 650- to 950-kHz switching
•
Performance Benefits
frequency range.
–
High Efficiency Reduces System Heat
Generation
Device Information(1)(2)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Tested to EN55022 Class B(1)
LMZ22005
NDW (7)
10.16 mm × 9.85 mm
–
Low Component Count, Only 5 External
Components
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
–
Low Output Voltage Ripple
(2) Peak reflow temperature equals 245°C. See SNAA214 for
–
Uses PCB as Heat Sink, No Airflow Required
more details.
(1)
EN 55022:2006, +A1:2007, FCC Part 15 Subpart B: 2007.
See AN-2125 SNVA473 and layout for information on device
under test. Vin = 12 V, Vo = 3.3 V, Io = 5 A
Simplified Application Schematic
Efficiency 5-V Output at 25°C Ambient
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMZ22005TZX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ22005TZX NSC-LMZ22005TZX Datasheet
1Mb / 22P
5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
More results

Similar Description - LMZ22005TZX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ22005 NSC-LMZ22005 Datasheet
1Mb / 22P
5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ23605TZ NSC-LMZ23605TZ Datasheet
1Mb / 22P
5A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage
logo
Texas Instruments
LMZ23605 TI1-LMZ23605_14 Datasheet
1Mb / 25P
5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ10504 TI-LMZ10504_15 Datasheet
1Mb / 35P
4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ10505 TI-LMZ10505_15 Datasheet
1Mb / 36P
5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22008 TI-LMZ22008_15 Datasheet
1Mb / 36P
8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com