Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ22005TZX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22005TZX/NOPB
Description  5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ22005TZX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMZ22005TZX/NOPB Datasheet HTML 12Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 13Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 14Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 15Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 16Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 17Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LMZ22005
SNVS686J – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
7.4 Device Functional Modes
7.4.1 Discontinuous And Continuous Conduction Modes
At light load the regulator will operate in discontinuous conduction mode (DCM). With load currents above the
critical conduction point, it will operate in continuous conduction mode (CCM). In CCM, current flows through the
inductor through the entire switching cycle and never falls to zero during the OFF-time. When operating in DCM,
inductor current is maintained to an average value equaling IOUT. Inductor current exhibits normal behavior for
the emulated current mode control method used. Output voltage ripple typically increases during this mode of
operation.
Figure 45 is a comparison pair of waveforms of the showing both CCM (upper) and DCM operating modes.
VIN = 12 V, VO = 3.3 V, IO = 3 A / 0.3 A 2 μs/div
Figure 45. CCM and DCM Operating Modes
16
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ22005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com