| Electronic Components Datasheet Search |
|
MT9V024 Datasheet(PDF) 46 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
MT9V024 Datasheet(HTML) 46 Page - ON Semiconductor |
|
46 / 62 page ![]() MT9V024_DSRev. G Pub. 4/15 EN 45 ©Semiconductor Components Industries, LLC, 2015. MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor Feature Description Figure 36: Serial Output Format for a 6x2 Frame Notes: 1. External pixel values of 0, 1, 2, 3, are reserved (they only convey control information). Any raw pixel of value 0, 1, 2 and 3 will be substituted with 4. 2. The external pixel sequence 1023, 0, 1023 is a reserved sequence (conveys control information for legacy support of MT9V021 applications). Any raw pixel sequence of 1023, 0, 1023 will be substi- tuted with an output serial stream of 1023, 4, 1023. LVDS Output Format In stand-alone mode, the packet size is 12 bits (2 frame bits and 10 payload bits); 10-bit pixels or 8-bit pixels can be selected. In 8-bit pixel mode (R0xB6[0] = 0), the packet consists of a start bit, 8-bit pixel data (with sync codes), the line valid bit, the frame valid bit and the stop bit. For 10-bit pixel mode (R0xB6[0] = 1), the packet consists of a start bit, 10-bit pixel data, and the stop bit. In stereoscopic mode, the packet size is 18 bits (2 frame bits and 16 payload bits). The packet consists of a start bit, the master pixel byte (with sync codes), the slave byte (with sync codes), and the stop bit.) Table 7: LVDS Packet Format in Stand-Alone Mode (Stereoscopy Mode Bit De-Asserted) 12-Bit Packet use_10-bit_pixels Bit De- Asserted (8-Bit Mode) use_10-bit_pixels Bit Asserted (10-Bit Mode) Bit[0] 1'b1 (Start bit) 1'b1 (Start bit) Bit[1] PixelData[2] PixelData[0] Bit2] PixelData[3] PixelData[1] Bit[3] PixelData[4] PixelData[2] Bit4] PixelData[5] PixelData[3] Bit[5] PixelData[6] PixelData[4] Bit[6] PixelData[7] PixelData[5] Bit[7] PixelData[8] PixelData[6] Bit[8] PixelData[9] PixelData[7] Bit[9] Line_Valid PixelData[8] Bit[10] Frame_Valid PixelData[9] Bit[11] 1'b0 (Stop bit) 1'b0 (Stop bit) Internal PIXCLK Internal Parallel Data Internal Line_Valid Internal Frame_Valid External Serial Data Out P41 P43 P42 P44 P45 P46 P54 P55 P56 P52 P51 P53 10231023 0 1 P41 P42 P46 2 1 P44 P43 P45 P51 P52 P56 2 P54 P53 P55 3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |