Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT9V024 Datasheet(PDF) 45 Page - ON Semiconductor

Part # MT9V024
Description  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 45 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 41Page - ON Semiconductor MT9V024 Datasheet HTML 42Page - ON Semiconductor MT9V024 Datasheet HTML 43Page - ON Semiconductor MT9V024 Datasheet HTML 44Page - ON Semiconductor MT9V024 Datasheet HTML 45Page - ON Semiconductor MT9V024 Datasheet HTML 46Page - ON Semiconductor MT9V024 Datasheet HTML 47Page - ON Semiconductor MT9V024 Datasheet HTML 48Page - ON Semiconductor MT9V024 Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
44
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Feature Description
LINE_VALID
By setting bit 2 and 3 of R0x72, the LV signal can get three different output formats. The
formats for reading out four rows and two vertical blanking rows are shown in Figure 35.
In the last format, the LV signal is the XOR between the continuous LV signal and the FV
signal.
Figure 35:
Different LINE_VALID Formats
LVDS Serial (Stand-Alone/Stereo) Output
The LVDS interface allows for the streaming of sensor data serially to a standard off-the-
shelf deserializer up to eight meters away from the sensor. The pixels (and controls) are
packeted—12-bit packets for stand-alone mode and 18-bit packets for stereoscopy
mode. All serial signaling (CLK and data) is LVDS. The LVDS serial output could either be
data from a single sensor (stand-alone) or stream-merged data from two sensors (self
and its stereoscopic slave pair). The appendices describe in detail the topologies for
both stand-alone and stereoscopic modes.
There are two standard deserializers that can be used. One for a stand-alone sensor
stream and the other from a stereoscopic stream. The deserializer attached to a stand-
alone sensor is able to reproduce the standard parallel output (8-bit pixel data, LV, FV,
and PIXCLK). The deserializer attached to a stereoscopic sensor is able to reproduce 8-
bit pixel data from each sensor (with embedded LV and FV) and pixel-clk. An additional
(simple) piece of logic is required to extract LV and FV from the 8-bit pixel data. Irrespec-
tive of the mode (stereoscopy/stand-alone), LV and FV are always embedded in the pixel
data.
In stereoscopic mode, the two sensors run in lock-step, implying all state machines are
in the same state at any given time. This is ensured by the sensor-pair getting their sys-
clks and sys-resets in the same instance. Configuration writes through the two-wire
serial interface are done in such a way that both sensors can get their configuration
updates at once. The inter-sensor serial link is designed in such a way that once the slave
PLL locks and the data-dly, shft-clk-dly and stream-latency-sel are configured, the
master sensor streams valid stereo content irrespective of any variation voltage and/or
temperature as long as it is within specification. The configuration values of data-dly,
shft-clk-dly and stream-latency-sel are either predetermined from the board-layout or
can be empirically determined by reading back the stereo-error flag. This flag is asserted
when the two sensor streams are not in sync when merged. The combo_reg is used for
out-of-sync diagnosis.
Default
FRAME_VALID
LINE_VALID
Continuously
FRAME_VALID
LINE_VALID
XOR
FRAME_VALID
LINE_VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com