Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NOII4SM014KA Datasheet(PDF) 13 Page - ON Semiconductor

Part # NOII4SM014KA
Description  Image Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOII4SM014KA Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NOII4SM014KA Datasheet HTML 9Page - ON Semiconductor NOII4SM014KA Datasheet HTML 10Page - ON Semiconductor NOII4SM014KA Datasheet HTML 11Page - ON Semiconductor NOII4SM014KA Datasheet HTML 12Page - ON Semiconductor NOII4SM014KA Datasheet HTML 13Page - ON Semiconductor NOII4SM014KA Datasheet HTML 14Page - ON Semiconductor NOII4SM014KA Datasheet HTML 15Page - ON Semiconductor NOII4SM014KA Datasheet HTML 16Page - ON Semiconductor NOII4SM014KA Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
NOII4SM014KA
Rev. 7 | www.onsemi.com | Page 13 of 25
SPI Register
SPI Interface Architecture
The elementary unit cell of the serial to parallel interface consists of two D-flip-flops. The architecture is shown in Figure 10. 16 of
these cells are connected in parallel, having a common /CS and SCLK form the entire uploadable parameter block, where Din is
connected to Dout of the next cell. The uploaded settings are applied to the sensor on the rising edge of signal /CS.
Figure 10. SPI Interface
SPI Register Definition
Sensor parameters can be serially uploaded inside the sensor at
the start of a frame. The parameters are:
■ Subsampling modes for X and Y-shift registers (3-bit code for
six subsampling modes)
■ Power control of the output amplifiers, column amps and pixel
array. Each amplifier can be individually powered up/down
■ Output crossbar switch control bits. The crossbar switch is used
to route the green pixels to the same output amplifiers at all
times. A first bit controls the crossbar. When a second bit is set,
the first bit toggles on every CLK_Y edge to automatically route
the green pixels of the bayer filter pattern.
The code is uploaded serially as a 16-bit word (LSB uploaded
first).
Table 9 on page 14 lists the register definition. The default code
for a full resolution readout is 33342 (decimal) or 1000 0010 0011
1110.
D
Q
C
D
Q
C
Din
To sensor core
Dout
SCLK
CS
16 outputs to sensor core
SCLK
Din
Dout
Unity Cell
Entire uploadable parameter block
CS
D0
D1
D2
D15
CS
SCLK
Din
Ts
Data
valid
Tsclk
Th
Table 8. Timing Requirements Serial Parallel Interface
Parameter
Value
Tsclk
100 ns
Ts
50 ns
Th
50 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com