Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NOII4SM014KA Datasheet(PDF) 21 Page - ON Semiconductor

Part # NOII4SM014KA
Description  Image Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOII4SM014KA Datasheet(HTML) 21 Page - ON Semiconductor

Back Button NOII4SM014KA Datasheet HTML 17Page - ON Semiconductor NOII4SM014KA Datasheet HTML 18Page - ON Semiconductor NOII4SM014KA Datasheet HTML 19Page - ON Semiconductor NOII4SM014KA Datasheet HTML 20Page - ON Semiconductor NOII4SM014KA Datasheet HTML 21Page - ON Semiconductor NOII4SM014KA Datasheet HTML 22Page - ON Semiconductor NOII4SM014KA Datasheet HTML 23Page - ON Semiconductor NOII4SM014KA Datasheet HTML 24Page - ON Semiconductor NOII4SM014KA Datasheet HTML 25Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
NOII4SM014KA
Rev. 7 | www.onsemi.com | Page 21 of 25
Handling Precautions
For proper handling and storage conditions, refer to the
ON Semiconductor application note AN52561.
Limited Warranty
ON Semiconductor Image Sensor Business Unit warrants that
the image sensor products to be delivered hereunder if properly
used and serviced, will conform to Seller's published
specifications and will be free from defects in material and
workmanship for two (2) years following the date of shipment. If
a defect were to manifest itself within two (2) years period from
the sale date, ON Semiconductor will either replace the product
or give credit for the product.
Return Material Authorization (RMA)
ON Semiconductor packages all of its image sensor products in
a clean room environment under strict handling procedures and
ships all image sensor products in ESD-safe, clean
room-approved shipping containers. Products returned to
ON Semiconductor for failure analysis should be handled under
these same conditions and packed in its original packing
materials, or the customer may be liable for the product.
Acceptance Criteria Specification
The Product Acceptance Criteria is available on request. This
document contains the criteria to which the IBIS4-14000 is tested
before being shipped.
Ordering Code Definition
O = Opto
N = ON Semiconductor
IBIS4
M=Mono
G= PGA package
Commercial Temperature Range
NO
I4
A
014K
M
SE
G
-C
S = Standard Process
14 MP Resolution
Additional Functionality
E= Double sided AR coating
I
I = Image Sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com