Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L3989 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L3989
Description  Infrared LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L3989 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L3989_15 Datasheet HTML 1Page - Hamamatsu Corporation L3989_15 Datasheet HTML 2Page - Hamamatsu Corporation L3989_15 Datasheet HTML 3Page - Hamamatsu Corporation L3989_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
L3989 series
High power infrared LED
Infrared LED
www.hamamatsu.com
Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Condition
Value
Unit
Forward current
IF
80
mA
Reverse voltage
VR
3V
Pulse forward current
IFP
Pulse width=10 μs
Duty ratio=1%
0.8
A
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to +100*
°C
* The L3989 is guaranteed to resist temperature cycle test of up to 5 cycles.
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Applications
Optical fiber communication
Optical switches
High reliability
High radiant output power
High-speed response
Features
Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
Condition
L3989
L3989-01
L3989-02
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Peak emission wavelength
λpIF=50 mA
800
830
860
800
830
860
800
830
860
nm
Spectral half width
∆λ
IF=50 mA
-40-
-40-
-40-
nm
Forward voltage
VF
IF=50 mA
-
1.45 1.60
-
1.45 1.60
-
1.45 1.60
V
Pulse forward voltage
VFP
IF=0.8 A
-
2.3
2.9
-
2.3
2.9
-
2.3
2.9
V
Reverse current
IR
VR=3 V
-
-10-
-10-
-10
μA
Radiant flux
ɸe
IF=50 mA
6.0
8.0
-
2.5
3.6
-
4.0
5.8
-
mW
Radiant illuminance
PE
IF=50 mA
-
0.9
-
-
2.2
-
-
0.9
-
mW/cm2
Cutoff frequency
fc
IF=50 mA + 1 mAp-p
15
30
-
15
30
-
15
30
-
MHz


Similar Part No. - L3989_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L3989-01 HAMAMATSU-L3989-01 Datasheet
119Kb / 2P
High power infrared LED
L3989-01 HAMAMATSU-L3989-01 Datasheet
71Kb / 3P
Infrared LED
L3989-02 HAMAMATSU-L3989-02 Datasheet
119Kb / 2P
High power infrared LED
L3989-02 HAMAMATSU-L3989-02 Datasheet
71Kb / 3P
Infrared LED
L3989 HAMAMATSU-L3989_06 Datasheet
71Kb / 3P
Infrared LED
More results

Similar Description - L3989_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
INFRARED LED?
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
Infrared LED
logo
Marktech Corporate
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
Infrared LED
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
Infrared LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com