Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L3989 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L3989
Description  Infrared LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L3989 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L3989_15 Datasheet HTML 1Page - Hamamatsu Corporation L3989_15 Datasheet HTML 2Page - Hamamatsu Corporation L3989_15 Datasheet HTML 3Page - Hamamatsu Corporation L3989_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Infrared LED
L3989 series
Wavelength (nm)
(Typ. Ta=25 °C, IF=50 mA)
800
700
0
20
100
80
60
40
900
1000
Forward current (mA)
(Typ. Ta=25 °C, tw=100 μs, 0.1%)
10
1
1
10
1000
100
100
1000
L3989
L3989-02
L3989-01
Forward voltage (V)
(Typ. Ta=25 °C, tw=100 μs, 0.1%)
1.5
1.0
10
1000
100
2.0
2.5
Relative radiant output (%)
(Typ. Ta=25 °C)
80%
60%
20°
10°
10°
20°
90°
80°
50°
40°
30°
70°
60°
90°
80°
50°
40°
30°
70°
60°
100
%
40
%
20
%
L3989-02
L3989-01
L3989
Emission spectrum
Forward current vs. forward voltage
Radiant flux vs. forward current
Directivity
KLEDB0212EA
KLEDB0213EB
KLEDB0214EA
KLEDB0215EA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com