Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5045MHX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045MHX/NOPB
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045MHX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5045MHX/NOPB Datasheet HTML 4Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 5Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 6Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 7Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 8Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 9Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 10Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 11Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
LM5045
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
www.ti.com
Electrical Characteristics (continued)
Limits in standard typeface are for TJ = 25°C only; MIN and MAX limits apply the junction temperature range of –40°C to
125°C. Unless otherwise specified, the following conditions apply: VIN = 48 V, RT = 25 kΩ, RD1 = RD2 = 20 kΩ. No load on
HO1, HO2, LO1, LO2, SR1, SR2, COMP = 0 V, UVLO = 2.5 V, OVP = 0 V, SSOFF = 0 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH(min)
SSOFF Input-threshold
2.8
V
SSOFF pulldown resistance
200
k
Ω
CURRENT LIMIT RESTART (RES Pin)
RRES
RES pulldown resistance
Termination of hiccup timer
37
Ω
VRES
RES hiccup threshold
1
V
RES upper counter threshold
4
V
RES lower counter threshold
2
V
IRES-SRC1
Charge current source 1
VRES < 1 V, VCS> 750 mV
30
µA
IRES-SRC2
Charge current source 2
1 V < VRES < 4 V
10
µA
IRES-DIS2
Discharge current source 1
VCS < 750 mV
5
µA
IRES-DIS2
Discharge current source 2
2 V < VRES < 4 V
5
µA
Ratio of time in hiccup mode to time
VRES > 1 V, Hiccup counter
147
in current limit
VOLTAGE FEED-FORWARD (RAMP PIN)
RAMP sink impedance (Clocked)
5.5
20
Ω
OSCILLATOR (RT PIN)
FSW1
Frequency (LO1, half oscillator
RT = 25 kΩ
185
200
215
kHz
frequency)
FSW2
Frequency (LO1, half oscillator
RT = 10 kΩ
420
480
540
kHz
frequency)
DC level
2
V
RT sync threshold
2.8
3
3.3
V
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com