Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5045MHX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045MHX/NOPB
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045MHX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5045MHX/NOPB Datasheet HTML 6Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 7Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 8Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 9Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 10Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 11Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 12Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 13Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
0
20
40
60
80
100
0
1
2
3
4
5
6
VIN(V)
VUVLO=3V
VUVLO=1V
VUVLO=0V
5
10
15
20
25
30
50
60
70
80
90
100
LOAD CURRENT (A)
36V
48V
72V
VOUT= 3.3V
LM5045
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
www.ti.com
6.6 Typical Characteristics
Figure 2. VCC vs ICC
Figure 1. Application Board Efficiency
Figure 3. VCC and VREF vs VIN
Figure 4. IIN vs VIN
Figure 5. VREF vs IREF
Figure 6. Oscillator Frequency vs RT
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com