Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5115MTC/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5115MTC/NOPB
Description  Secondary Side Post Regulator / Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5115MTC/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5115MTC/NOPB Datasheet HTML 1Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 2Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 3Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 4Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 5Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 6Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 7Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 8Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Main
Output
3.3V
VBIAS
FB
AGND
COMP
Sync
VCC
SS
HB
HO
HS
LO
PGND
VOUT
CO
CS
RAMP
LM5115
Auxiliary
Output
2.0V
+12V
RS
FEEDBACK
Main Converter
PWM Controller
INPUT
Phase Signal
LM5115
www.ti.com
SNVS343E – MARCH 2005 – REVISED MARCH 2013
LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
Check for Samples: LM5115
1
FEATURES
DESCRIPTION
The
LM5115
is
a
versatile
switching
regulator
2
•
Self-Synchronization to Main Channel Output
controller. It has two main application configurations.
•
Standalone DC/DC Synchronous Buck Mode
The first is utilizing the Secondary Side Post
•
Leading Edge Pulse Width Modulation
Regulation (SSPR) technique to implement multiple
output power converters. In the second configuration,
•
Voltage-Mode Control with Current Injection
it can be used as a standalone synchronous buck
and Input Line Feed-Forward
controller
(Please
see
Standalone
DC/DC
•
Operates from AC or DC Input up to 75V
Synchronous Buck Mode for more details). The
•
Wide 4.5V to 30V Bias Supply Range
SSPR technique develops a highly efficient and well
regulated auxiliary output from the secondary side
•
Wide 0.75V to 13.5V Output Range.
switching waveform of an isolated power converter.
•
Top and Bottom Gate Drivers Sink 2.5A Peak
Regulation of the auxiliary output voltage is achieved
•
Adaptive Gate Driver Dead-Time Control
by leading edge pulse width modulation (PWM) of the
main channel duty cycle. Leading edge modulation is
•
Wide Bandwidth Error Amplifier (4MHz)
compatible with either current mode or voltage mode
•
Programmable Soft-Start
control of the main output. The LM5115 drives
•
Thermal Shutdown Protection
external high side and low side NMOS power
switches configured as a synchronous buck regulator.
•
TSSOP-16 or Thermally Enhanced WSON-16
A
current
sense
amplifier
provides
overload
Packages
protection and operates over a wide common mode
input range. Additional features include a low dropout
(LDO)
bias
regulator,
error
amplifier,
precision
reference, adaptive dead time control of the gate
signals and thermal shutdown.
Typical Application Circuit
Figure 1. Simplified Multiple Output Power Converter Utilizing SSPR Technique
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5115MTC/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5115MTC/NOPB TI2-LM5115MTC/NOPB Datasheet
623Kb / 27P
LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
REVISED MARCH 2013
LM5115MTC/NOPB.A TI2-LM5115MTC/NOPB.A Datasheet
623Kb / 27P
LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
REVISED MARCH 2013
LM5115MTC/NOPB.B TI2-LM5115MTC/NOPB.B Datasheet
623Kb / 27P
LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
REVISED MARCH 2013
More results

Similar Description - LM5115MTC/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
Secondary Side Synchronous Post Regulator
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
National Semiconductor ...
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
Secondary Side Post Regulator Controller
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
Secondary Side Post Regulator Controller
logo
Texas Instruments
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
logo
Linear Technology
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
Secondary Side Synchronous Post Regulator
logo
Texas Instruments
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
LM25115 Secondary Side Post Regulator Controller
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
Secondary Side Synchronous Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com