Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM1232LPUN Datasheet(PDF) 7 Page - ON Semiconductor

Part # ASM1232LPUN
Description  5 V P Power Supply Monitor and Reset Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1232LPUN Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ASM1232LPUN Datasheet HTML 3Page - ON Semiconductor ASM1232LPUN Datasheet HTML 4Page - ON Semiconductor ASM1232LPUN Datasheet HTML 5Page - ON Semiconductor ASM1232LPUN Datasheet HTML 6Page - ON Semiconductor ASM1232LPUN Datasheet HTML 7Page - ON Semiconductor ASM1232LPUN Datasheet HTML 8Page - ON Semiconductor ASM1232LPUN Datasheet HTML 9Page - ON Semiconductor ASM1232LPUN Datasheet HTML 10Page - ON Semiconductor ASM1232LPUN Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ASM1232LP, ASM1232LPS
http://onsemi.com
7
Watchdog Timer and ST Input
A watchdog timer stops and restarts a microprocessor that
is “hung−up”. The
mP must toggle the ST input within a set
period (as selectable through TD input) to verify proper
software execution. If the ST is not toggled low within the
minimum timeout period, reset signals become active. In
power−up after the supply voltage returns to an in−tolerance
condition, the reset signal remains active for 250 ms
minimum, allowing the power supply and system
microprocessor to stabilize. ST pulses as short as 20 ns can
be detected.
Figure 7. Timing Diagram: Strobe Input
Timeouts periods of approximately 150 ms, 610 ms or 1,200 ms are selected through the TD pin.
TD Voltage level
Watchdog Time−out Period (ms)
Min
Nom
Max
GND
62.5
150
250
Floating
250
610
1000
VCC
500
1200
2000
The watchdog timer cannot be disabled. It must be strobed with a high−to−low transition to avoid watchdog timeout and reset.
Figure 8. Application Circuit: Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com