Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM1232LPUN Datasheet(PDF) 11 Page - ON Semiconductor

Part # ASM1232LPUN
Description  5 V P Power Supply Monitor and Reset Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1232LPUN Datasheet(HTML) 11 Page - ON Semiconductor

Back Button ASM1232LPUN Datasheet HTML 4Page - ON Semiconductor ASM1232LPUN Datasheet HTML 5Page - ON Semiconductor ASM1232LPUN Datasheet HTML 6Page - ON Semiconductor ASM1232LPUN Datasheet HTML 7Page - ON Semiconductor ASM1232LPUN Datasheet HTML 8Page - ON Semiconductor ASM1232LPUN Datasheet HTML 9Page - ON Semiconductor ASM1232LPUN Datasheet HTML 10Page - ON Semiconductor ASM1232LPUN Datasheet HTML 11Page - ON Semiconductor ASM1232LPUN Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ASM1232LP, ASM1232LPS
http://onsemi.com
11
PACKAGE DIMENSIONS
SOIC−16, 150 mils
CASE 751BG−01
ISSUE O
TOP VIEW
PIN#1 IDENTIFICATION
E
D
A
e
b
A1
L
h
c
E1
SIDE VIEW
END VIEW
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC MS-012.
q
SYMBOL
MIN
NOM
MAX
θ
A
A1
b
c
D
E
E1
e
h
0º
8º
0.10
0.33
0.19
0.25
9.80
5.80
3.80
1.27 BSC
1.75
0.25
0.51
0.25
0.50
10.00
6.20
4.00
L
0.40
1.27
1.35
9.90
6.00
3.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com