Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX1669CD Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1669CD
Description  PROGRAMMABLE DC : DC CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1669CD Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1669CD Datasheet HTML 1Page - Microsemi Corporation LX1669CD Datasheet HTML 2Page - Microsemi Corporation LX1669CD Datasheet HTML 3Page - Microsemi Corporation LX1669CD Datasheet HTML 4Page - Microsemi Corporation LX1669CD Datasheet HTML 5Page - Microsemi Corporation LX1669CD Datasheet HTML 6Page - Microsemi Corporation LX1669CD Datasheet HTML 7Page - Microsemi Corporation LX1669CD Datasheet HTML 8Page - Microsemi Corporation LX1669CD Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
P ROGRAMMABLE DC:DC C ONTROLLER
LX1669
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.0
4/99
4
P RODUCTION D ATA S HEET
ELECTRICAL CHARACTERISTICS
Table 1 - Adaptive Transient Voltage Output (Output Voltage Setpoint — Typical)
Note:
Adaptive Transient Voltage Output
In order to improve transient response a 40mV offset is built into the voltage comparator. At high currents, the
peak output voltage will be lower than the nominal set point , as shown in Figure 4. The actual output voltage
will be a function of the sense resistor, output current and output ripple.
01111
1.34V
1.30V
01110
1.39V
1.35V
01101
1.44V
1.40V
01100
1.49V
1.45V
01011
1.54V
1.50V
01010
1.59V
1.55V
01001
1.64V
1.60V
01000
1.69V
1.65V
00111
1.74V
1.70V
00110
1.79V
1.75V
00101
1.84V
1.80V
00100
1.89V
1.85V
00011
1.94V
1.90V
00010
1.99V
1.95V
00001
2.04V
2.00V
00000
2.09V
2.05V
11111
2.04V
2.00V
11110
2.14V
2.10V
11101
2.24V
2.20V
11100
2.34V
2.30V
11011
2.44V
2.40V
11010
2.54V
2.50V
11001
2.64V
2.60V
11000
2.74V
2.70V
10111
2.84V
2.80V
10110
2.94V
2.90V
10101
3.04V
3.00V
10100
3.14V
3.10V
10011
3.24V
3.20V
10010
3.34V
3.30V
10001
3.44V
3.40V
10000
3.54V
3.50V
VID4
VID3
VID2
VID1
VID0
Processor Pins
Output Voltage (V
SET)
0 = Low, 1 = High
0.0A
Nominal Output
* (V
SET)
* Nominal = DAC setpoint voltage with no adaptive output voltage positioning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com