Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LC87F1HC4B Datasheet(PDF) 3 Page - ON Semiconductor

Part # LC87F1HC4B
Description  8-bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1HC4B Datasheet(HTML) 3 Page - ON Semiconductor

  LC87F1HC4B Datasheet HTML 1Page - ON Semiconductor LC87F1HC4B Datasheet HTML 2Page - ON Semiconductor LC87F1HC4B Datasheet HTML 3Page - ON Semiconductor LC87F1HC4B Datasheet HTML 4Page - ON Semiconductor LC87F1HC4B Datasheet HTML 5Page - ON Semiconductor LC87F1HC4B Datasheet HTML 6Page - ON Semiconductor LC87F1HC4B Datasheet HTML 7Page - ON Semiconductor LC87F1HC4B Datasheet HTML 8Page - ON Semiconductor LC87F1HC4B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LC87F1HC4B
www.onsemi.com
3
Continued from preceding page.
SIO9: Synchronous serial interface
1) LSB first/MSB first mode selectable
2) Transfer clock cycle: 4/3 to 1020/3 tCYC
3) Automatic continuous data transmission (1 to 4096 bytes, specifiable in 1 byte units)
(Suspension and resumption of data transmission possible in 1 byte units or word units)
4) Auto-start-on-falling-edge function
5) Clock polarity selectable
6) CRC16 calculator circuit built in
Full Duplex UART
1) Data length : 7/8/9 bits selectable
2) Stop bits
: 1 bit (2 bits in continuous transmission mode)
3) Baud rate
: 16/3 to 8192/3 tCYC
AD Converter: 8 bits
 12 channels
PWM: Multifrequency 12-bit PWM
 2 channels
Infrared Remote Control Receiver Circuit
1) Noise rejection function (noise filter time constant: Approx. 120
s when the 32.768kHz crystal oscillator is
selected as the base clock)
2) Supports data encoding systems such as PPM (Pulse Position Modulation) and Manchester encoding.
3) X'tal HOLD mode reset function
USB Interface (host control function)
1) Compliant with full-speed (12M bps) specifications
2) Supports 4 transfer types (control transfer, bulk transfer, interrupt transfer, and isochronous transfer).
Audio Interface
1) Sampling frequency (fs)
: 32kHz, 44.1kHz, 48kHz
2) Master clock frequency (internal PLL) : 12.288MHz, 16.9344MHz, 18.432MHz
3) Bit clock selectable
: 48fs/64fs
4) Data bit length
: 16/18/20/24 bits
5) LSB first/MSB firsts selectable
6) Left-justification/right-justification selectable
Watchdog Timer
Watchdog timer using external RC circuitry
Interrupt and reset signals selectable
Clock Output Function
1) Can output a clock with a clock rate of 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, or 1/64 of the source oscillator clock selected
as the system clock.
2) Can output the source oscillation clock for the subclock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com