Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LC87F1HC4B Datasheet(PDF) 4 Page - ON Semiconductor

Part # LC87F1HC4B
Description  8-bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1HC4B Datasheet(HTML) 4 Page - ON Semiconductor

  LC87F1HC4B Datasheet HTML 1Page - ON Semiconductor LC87F1HC4B Datasheet HTML 2Page - ON Semiconductor LC87F1HC4B Datasheet HTML 3Page - ON Semiconductor LC87F1HC4B Datasheet HTML 4Page - ON Semiconductor LC87F1HC4B Datasheet HTML 5Page - ON Semiconductor LC87F1HC4B Datasheet HTML 6Page - ON Semiconductor LC87F1HC4B Datasheet HTML 7Page - ON Semiconductor LC87F1HC4B Datasheet HTML 8Page - ON Semiconductor LC87F1HC4B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LC87F1HC4B
www.onsemi.com
4
Interrupts
40 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of
the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4/UHC bus active/remote control signal receive
4
0001BH
H or L
INT3/INT5/base timer
5
00023H
H or L
T0H/INT6/UHC device connected/UHC disconnected/UHC resume
6
0002BH
H or L
T1L/T1H/INT7/SIO9/AIF start
7
00033H
H or L
SIO0/UART1 receive
8
0003BH
H or L
SIO1/SIO4/UART1 transmit/end of AIF
9
00043H
H or L
ADC/T6/T7/UHC-ACK/UHC-NAK/UHC error/UHC STALL
10
0004BH
H or L
Port 0/PWM0/PWM1/T4/T5/UHC-SOF/DMCOPY
Priority levels X > H > L
Of interrupts of the same level, the one with the smallest vector address takes precedence.
Subroutine Stack Levels: 6144 levels maximum (The stack is allocated in RAM.)
High-speed Multiplication/Division Instructions
16 bits  8 bits
(5 tCYC execution time)
24 bits  16 bits
(12 tCYC execution time)
16 bits  8 bits
(8 tCYC execution time)
24 bits  16 bits
(12 tCYC execution time)
Oscillation and PLL Circuits
RC oscillation circuit (internal):
For system clock
CF oscillation circuit:
For system clock
Crystal oscillation circuit:
For system clock, time-of-day clock
PLL circuit (internal):
For USB interface (see Fig.5) ), audio interface (see Fig. 6)
Standby Function
HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillation is not halted automatically.
2) Canceled by a system reset or occurrence of an interrupt.
HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The PLL base clock generator, CF, RC and crystal oscillators automatically stop operation.
2) There are four ways of resetting the HOLD mode.
(1) Setting the reset pin to the lower level.
(2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an bus active interrupt source established in the USB host controll circuit
X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer.
1) The PLL base clock generator, CF and RC oscillator automatically stop operation.
2) The state of crystal oscillation established when the X'tal HOLD mode is entered is retained.
3) There are six ways of resetting the X'tal HOLD mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established in the base timer circuit
(5) Having an bus active interrupt source established in the USB host controll circuit
(6) Having an interrupt source established in the infrared remote controller receiver circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com