Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCM856DS/DG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCM856DS/DG
Description  PNP/PNP matched double transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCM856DS/DG Datasheet(HTML) 3 Page - NXP Semiconductors

  BCM856DS/DG Datasheet HTML 1Page - NXP Semiconductors BCM856DS/DG Datasheet HTML 2Page - NXP Semiconductors BCM856DS/DG Datasheet HTML 3Page - NXP Semiconductors BCM856DS/DG Datasheet HTML 4Page - NXP Semiconductors BCM856DS/DG Datasheet HTML 5Page - NXP Semiconductors BCM856DS/DG Datasheet HTML 6Page - NXP Semiconductors BCM856DS/DG Datasheet HTML 7Page - NXP Semiconductors BCM856DS/DG Datasheet HTML 8Page - NXP Semiconductors BCM856DS/DG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BCM856BS_BCM856DS_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 7 August 2008
3 of 14
NXP Semiconductors
BCM856BS; BCM856DS
PNP/PNP matched double transistors
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
Table 5.
Marking codes
Type number
Marking code[1]
BCM856BS
*BS
BCM856BS/DG
PB*
BCM856DS
DS
BCM856DS/DG
R9
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
−80
V
VCEO
collector-emitter voltage
open base
-
−65
V
VEBO
emitter-base voltage
open collector
-
−5V
IC
collector current
-
−100
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
−200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
BCM856BS (SOT363)
BCM856BS/DG (SOT363)
[1] -
200
mW
BCM856DS (SOT457)
BCM856DS/DG (SOT457)
[1] -
250
mW
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
BCM856BS (SOT363)
BCM856BS/DG (SOT363)
[1] -
300
mW
BCM856DS (SOT457)
BCM856DS/DG (SOT457)
[1] -
380
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com