Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT93L16 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT93L16
Description  CMOS Low-Voltage Acoustic Echo Canceller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT93L16 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT93L16 Datasheet HTML 9Page - Mitel Networks Corporation MT93L16 Datasheet HTML 10Page - Mitel Networks Corporation MT93L16 Datasheet HTML 11Page - Mitel Networks Corporation MT93L16 Datasheet HTML 12Page - Mitel Networks Corporation MT93L16 Datasheet HTML 13Page - Mitel Networks Corporation MT93L16 Datasheet HTML 14Page - Mitel Networks Corporation MT93L16 Datasheet HTML 15Page - Mitel Networks Corporation MT93L16 Datasheet HTML 16Page - Mitel Networks Corporation MT93L16 Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Preliminary Information
MT93L16
13
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
*DC Electrical Characteristics are over recommended temperature and supply voltage.
Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Units
1
Supply Voltage
VDD-VSS
-0.5
5.0
V
2
Input Voltage
Vi
VSS-0.3
5.5
V
3
Output Voltage Swing
Vo
VSS-0.3
5.5
V
4
Continuous Current on any digital pin
Ii/o
±20
mA
5
Storage Temperature
TST
-65
150
°C
6
Package Power Dissipation
PD
90 (typ)
mW
Recommended Operating Conditions - Voltages are with respect to ground (V
SS) unless otherwise stated
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Supply Voltage
VDD
2.7
3.3
3.6
V
2
Input High Voltage
1.4
VDD
V
3
Input Low Voltage
VSS
0.4
V
4
Operating Temperature
TA
-40
+85
°C
Echo Return Limits
Characteristics
Min
Typ
Max
Units
Test Conditions
1
Acoustic Echo Return
0
dB
Measured from Rout -> Sin
2
Line Echo Return
0
dB
Measured from Sout -> Rin
DC Electrical Characteristics*- Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Conditions/Notes
1
Standby Supply Current:
ICC
3
70
µA
RESET = 0
Operating Supply Current:
IDD
20
mA
RESET = 1, clocks active
2
Input HIGH voltage
VIH
0.7VDD
V
3
Input LOW voltage
VIL
0.3VDD
V
4
Input leakage current
IIH/IIL
0.1
10
µAV
IN=VSS to VDD
5
High level output voltage
VOH
0.8VDD
VIOH=2.5mA
6
Low level output voltage
VOL
0.4VDD
VIOL=5.0mA
7
High impedance leakage
IOZ
110
µAV
IN=VSS to VDD
8
Output capacitance
Co
10
pF
9
Input capacitance
Ci
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com