Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDSP16488B0 Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # PDSP16488B0
Description  Single Chip 2D Convolver with Integral Line Delays
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16488B0 Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button PDSP16488B0 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 9Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 10Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 11Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 12Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 13Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 14Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
The data from the last device in a horizontal row of convolvers
feeds the expansion input of the first device in the next row. This
is shown in Fig. 7. With this arrangement, the position of the partial
window as illustrated, is the inverse of its vertical position on a
normal TV screen. Thus the top left hand device corresponds to
the bottom left hand portion of the complete window.
The output from the last device in the row is delayed with
respect to the original data input by an amount given by the
formula;
DELAY = 4 S(N 1), where N is the number of devices in a
row and S is the partial window width, i.e. 4 or 8.
The internal convolver sums, in each of the devices in the next
row, must be delayed by this amount before they are added to
results from the previous row. This is more conveniently achieved
by delaying data going into the line stores. The required cumula-
tive delay with respect to the first horizontal stripe is then
automatically obtained when more than two rows of devices are
needed.
Register D, bits 3:2 are used to define one of four delay
options. These delays have been selected to support systems
needing from two to eight devices and are described in the
applications section.
Coefficients
Sixty-four coefficients are stored internally and must be
initially loaded from an external source. Table 5 gives the
coefficient addresses within a device, with coefficient C0 speci-
fied by the least significant address and C63 by the most
significant address. Fig. 9 shows the physical window position
within the device that is allocated to each coefficient in the various
modes of operation. Horizontally the coefficient positions corre-
spond to the convolution process as if it were observed on a
viewing screen, i.e. the left hand pixel is multiplied with C0. In the
vertical direction the lines of coefficients are inverted with respect
to a visual screen, i.e. the line starting with C0 is actually at the
bottom of the visualized window.
The coefficients may be provided from a Host CPU using
conventional addressing, a read/not write line, data strobe, and
a chip enable. Alternatively, in stand alone systems, an EPROM
may be used. A single EPROM can support up to 16 devices with
no additional hardware.
When windows are to be fabricated which are smaller than
the maximum size that the device will provide in the required
configuration, then the areas which are not to be used must
contain zero coefficients. The pipeline delay will then be that of a
completely filled window.
Function
Mode Reg A
Mode Reg B
Mode Reg C
Mode Reg D
Comparator LSB
Comparator MSB
Scale value
Pixels/line LSB
Pixels/line MSB
C0-C15
C16-C31
C32-C47
C48-C63
Unused
Hex address
00
01
02
03
04
05
06
07
08
40-4F
50-5F
60-6F
70-7F
09-3F
Table 5 Internal register addressing
Data size
8
8
8
15
16
Window size
4 4
8 4
8 8
4 4
8 4
Pipeline delay
34
30
26
28
26
Ta
ble 6 Pipeline delays
Total Pipeline Delay
The total pipeline delay is dependent on the device configu-
ration and the number of devices in the system. Table 6 gives the
delays obtained with the various single device configurations
when the gain control is used. These delays are the internal
processing delays and do not include the delays needed to move
a given size window completely into a field of interest. When
multiple devices are needed, additional delays are produced
which must be calculated for the particular application. These
delays are discussed in the applications section.
The PDSP16488A contains facilities for outputting a delayed
version of HRES (DELOP) to match any processing delay.
Register C. bits 3:1 allow this delay to be selected from any value
between 29 and 92 pixel clocks as detailed in Table 9.
CLK
tRSU
HRES
(sync)
ACTIVE LINE PERIOD
2
3
4
5
6
7
8
1
2
6
7
FIRST
PIXEL
VALID
(REG B3
SET)
FIRST
PIXEL
FROM
LINE
STORE
VALID
LAST2
PIXELS
INTER-
NALLY
STORED
ASYNCHRONOUS BACK EDGE
LINE STORE
WRITES INHIBITED
Fig.8 Pixel input delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com