Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDSP16488B0 Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # PDSP16488B0
Description  Single Chip 2D Convolver with Integral Line Delays
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16488B0 Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button PDSP16488B0 Datasheet HTML 13Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 14Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 15Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 16Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 17Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 18Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 19Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 20Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
17
Voltage
GND
GND
GND
GND
N/C
N/C
N/C
N/C
5·0V
N/C
N/C
5·0V
N/C
N/C
N/C
N/C
N/C
Table 12 Life test/burn-in connections for PDSP16488A MA ACBR (PGA). NOTE: PDA is 5% and based on groups 1 and 7
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
Pin
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
Voltage
N/C
N/C
5·0V
N/C
N/C
5·0V
GND
N/C
N/C
5·0V
GND
5·0V
N/C
N/C
N/C
N/C
5·0V
GND
N/C
GND
GND
N/C
N/C
N/C
N/C
N/C
GND
N/C
N/C
N/C
N/C
N/C
N/C
Voltage
N/C
N/C
N/C
N/C
N/C
N/C
GND
N/C
N/C
N/C
N/C
N/C
5·0V
N/C
5·0V
N/C
5·0V
N/C
N/C
N/C
5·0V
GND
GND
N/C
N/C
N/C
N/C
N/C
N/C
GND
GND
N/C
N/C
Pin
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
Voltage
N/C
GND
N/C
GND
N/C
5·0V
GND
5·0V
5·0V
GND
5·0V
GND
5·0V
5·0V
5·0V
5·0V
N/C
GND
GND
GND
GND
GND
5·0V
GND
5·0V
GND
5·0V
GND
GND
GND
N/C
GND
N/C
Pin
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
Voltage
N/C
5·0V
N/C
N/C
N/C
N/C
N/C
GND
N/C
GND
N/C
5·0V
N/C
N/C
N/C
GND
N/C
N/C
N/C
GND
GND
N/C
5·0V
N/C
N/C
N/C
N/C
GND
N/C
N/C
N/C
N/C
N/C
Pin
A1
B1
C2
C1
D2
D1
E2
E1
F2
G2
G1
H2
J1
J2
K1
K2
L1
Voltage
GND
N/C
GND
GND
GND
N/C
GND
GND
GND
GND
5·0V
N/C
5·0V
5·0V
5·0V
N/C
GND
Pin
L2
M1
N1
N2
M3
N3
M4
N4
M5
N5
M6
M7
N7
M8
N9
M9
N10
Pin
M10
N11
M11
N12
N13
M13
L12
L13
K12
K13
J12
J13
H12
G12
G13
F12
E13
Voltage
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
GND
N/C
N/C
N/C
N/C
GND
5·0V
5·0V
GND
Pin
E12
D13
D12
C13
C12
B13
A13
A12
B11
A11
B10
A10
B9
A9
B8
B7
A7
Voltage
5·0V
N/C
N/C
N/C
5·0V
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
5·0V
N/C
N/C
Pin
B6
A5
B5
A4
B4
A3
B3
A2
F1
N6
F13
A6
H1
N8
H13
A8
Voltage
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
5·0V
5·0V
5·0V
5·0V
GND
GND
GND
GND
Table 13 Life test/burn-in connections for PDSP16488A MA GCPR (QFP). NOTE: PDA is 5% and based on groups 1 and 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com