Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM74104MA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SM74104MA/NOPB
Description  SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM74104MA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button SM74104MA/NOPB Datasheet HTML 3Page - Texas Instruments SM74104MA/NOPB Datasheet HTML 4Page - Texas Instruments SM74104MA/NOPB Datasheet HTML 5Page - Texas Instruments SM74104MA/NOPB Datasheet HTML 6Page - Texas Instruments SM74104MA/NOPB Datasheet HTML 7Page - Texas Instruments SM74104MA/NOPB Datasheet HTML 8Page - Texas Instruments SM74104MA/NOPB Datasheet HTML 9Page - Texas Instruments SM74104MA/NOPB Datasheet HTML 10Page - Texas Instruments SM74104MA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0.1
1
10
100
1000
FREQUENCY (kHz)
10
100
1000
10000
100000
HB = 12V,
HS = 0V
CL = 470 pF
CL = 0 pF
CL = 4400 pF
CL = 2200 pF
CL = 1000 pF
2
4
6
8
10
12
HO, LO (V)
0
SINKING
SOURCING
VDD = VHB = 12V, HS = 0V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
8
9
10 11 12 13 14 15 16 17 18
VDD, VHB (V)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
IDD, RT = 10k
IDD, RT = 100k
IHB, RT = 10k, 100k
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
IHB, RT = 10k, 100k
IDD, RT = 100k
IDD, RT = 10k
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.0
IDDO
IHBO
1
10
100
1000
FREQUENCY (kHz)
10
100
VDD = 12V
RT = 10k
CL = 0 pF
CL = 1000 pF
CL = 4400 pF
CL = 2200 pF
CL = 470 pF
1
0
SM74104
www.ti.com
SNOSBA3D – JUNE 2011 – REVISED MAY 2015
12.1 Typical Performance Characteristics
Figure 1. IDD vs Frequency
Figure 2. Operating Current vs Temperature
Figure 4. Quiescent Current vs Temperature
Figure 3. Quiescent Current vs Supply Voltage
Figure 6. HO & LO Peak Output Current vs Output Voltage
Figure 5. IHB vs Frequency
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SM74104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com