Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM74104MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SM74104MA/NOPB
Description  SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM74104MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button SM74104MA/NOPB Datasheet HTML 9Page - Texas Instruments SM74104MA/NOPB Datasheet HTML 10Page - Texas Instruments SM74104MA/NOPB Datasheet HTML 11Page - Texas Instruments SM74104MA/NOPB Datasheet HTML 12Page - Texas Instruments SM74104MA/NOPB Datasheet HTML 13Page - Texas Instruments SM74104MA/NOPB Datasheet HTML 14Page - Texas Instruments SM74104MA/NOPB Datasheet HTML 15Page - Texas Instruments SM74104MA/NOPB Datasheet HTML 16Page - Texas Instruments SM74104MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
10.0 kHz
100.0 kHz
1000.0 kHz
SWITCHING FREQUENCY (kHz)
0.001
0.010
0.100
1.000
1.0 kHz
CL = 0 pF
CL = 4400 pF
10.0 kHz
100.0 kHz
1000.0 kHz
SWITCHING FREQUENCY (kHz)
0.001
0.010
0.100
1.000
1.0 kHz
CL = 0 pF
CL = 4400 pF
SM74104
www.ti.com
SNOSBA3D – JUNE 2011 – REVISED MAY 2015
Power Dissipation Considerations (continued)
Figure 18. Diode Power Dissipation VIN = 80V
Figure 19. Diode Power Dissipation VIN = 40V
The total IC power dissipation can be estimated from the above plots by summing the gate drive losses with the
bootstrap diode losses for the intended application. Because the diode losses can be significant, an external
diode placed in parallel with the internal bootstrap diode (refer to Figure 20) can be helpful in removing power
from the IC. For this to be effective, the external diode must be placed close to the IC to minimize series
inductance and have a significantly lower forward voltage drop than the internal diode.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: SM74104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com