Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV772MMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV772MMX/NOPB
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV772MMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMV772MMX/NOPB Datasheet HTML 1Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 2Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 3Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 4Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 5Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 6Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 7Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 8Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LMV771, LMV772, LMV774
www.ti.com
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
LMV771/LMV772/LMV772Q/LMV774 Single/Dual/Quad, Low Offset, Low Noise, RRO
Operational Amplifiers
Check for Samples: LMV771, LMV772, LMV774
1
FEATURES
•
Temperature range
−40°C to 125°C
•
LMV772Q is AEC-Q100 Grade 1 qualified and
23
•
(Unless otherwise noted, typical values at VS =
is manufactured on Automotive grade flow
2.7V)
•
Guaranteed 2.7V and 5V specifications
APPLICATIONS
•
Maximum VOS (LMV771) 850μV (limit)
•
Transducer amplifier
•
Voltage noise
•
Instrumentation amplifier
•
f = 100 Hz 12.5nV/
√Hz
•
Precision current sensing
•
f = 10 kHz 7.5nV/
√Hz
•
Data acquisition systems
•
Rail-to-Rail output swing
•
Active filters and buffers
•
RL = 600Ω 100mV from rail
•
Sample and hold
•
RL = 2kΩ 50mV from rail
•
Portable/battery powered electronics
•
Open loop gain with RL = 2kΩ 100dB
•
Automotive
•
VCM 0 to V
+ −0.9V
•
Supply current (per amplifier) 550µA
•
Gain bandwidth product 3.5MHz
DESCRIPTION
The LMV771/LMV772/LMV772Q/LMV774 are Single, Dual, and Quad low noise precision operational amplifiers
intended for use in a wide range of applications. Other important characteristics of the family include: an
extended operating temperature range of
−40°C to 125°C, the tiny SC70-5 package for the LMV771, and low
input bias current.
The extended temperature range of
−40°C to 125°C allows the LMV771/LMV772/LMV772Q/LMV774 to
accommodate a broad range of applications. The LMV771 expands National Semiconductor’s Silicon Dust™
amplifier
portfolio
offering
enhancements
in
size,
speed,
and
power
savings.
The
LMV771/LMV772/LMV772Q/LMV774 are guaranteed to operate over the voltage range of 2.7V to 5.0V and all
have rail-to-rail output.
The LMV771/LMV772/LMV772Q/LMV774 family is designed for precision, low noise, low voltage, and miniature
systems. These amplifiers provide rail-to-rail output swing into heavy loads. The maximum input offset voltage for
the LMV771 is 850
μV at room temperature and the input common mode voltage range includes ground.
The LMV771 is offered in the tiny SC70-5 package, LMV772/LMV772Q in the space saving MSOP-8 and SOIC-
8, and the LMV774 in TSSOP-14.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Silicon Dust is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV772MMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV772MMX/NOPB TI1-LMV772MMX/NOPB Datasheet
1Mb / 33P
LMV771/LMV772/LMV772Q/LMV774 Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
More results

Similar Description - LMV772MMX/NOPB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
National Semiconductor ...
LMV771 NSC-LMV771 Datasheet
844Kb / 21P
Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
Low Offset RRO Operational Amplifier
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8692ARMZ-R7 AD-AD8692ARMZ-R7 Datasheet
396Kb / 16P
Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
logo
Texas Instruments
LMV772MA TI1-LMV772MA Datasheet
1Mb / 33P
LMV771/LMV772/LMV772Q/LMV774 Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
Low Offset, Low Noise, RRO Operational Amplifier
logo
ON Semiconductor
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Analog Devices
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com