Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV772MMX/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMV772MMX/NOPB
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV772MMX/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV772MMX/NOPB Datasheet HTML 7Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 8Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 9Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 10Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 11Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 12Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 13Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 14Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
TIME (10 Ps/div)
VS = ±2.5V
TA = -40°C
RL = 2k:
TIME (10 Ps/div)
VS = ±2.5V
TA = -40°C
RL = 2k:
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-20
-10
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
90
100
GAIN
PHASE
CL = 0pF
VS = 5V
RL = 600:
CL = 100pF
CL = 100pF
CL = 0pF
CL = 1000pF
CL = 500pF
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-20
-10
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
90
100
GAIN
PHASE
CL = 0pF
VS = 5V
RL = 100k:
CL = 100pF
CL = 100pF
CL = 0pF
CL = 1000pF
CL = 500pF
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-20
-10
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
90
100
GAIN
PHASE
RL = 600:
RL = 100k:
RL = 2k:
RL = 100k:
RL = 600:
RL = 2k:
VS = 2.7V
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-20
-10
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
90
100
GAIN
PHASE
RL = 100k:
RL = 2k:
RL = 600:
RL = 100k:
RL = 600:
RL = 2k:
VS = 5V
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-20
-10
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
90
100
GAIN
PHASE
125°C
-40°C
25°C
-40°C
25°C
125°C
VS = 5V
RL = 2k:
2.5
3
3.5
4
4.5
5
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
SUPPLY VOLTAGE (V)
AV = +1
RL = 10k:
VIN = 2VPP
FALLING EDGE
RISING EDGE
LMV771, LMV772, LMV774
www.ti.com
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
Typical Performance Characteristics (continued)
Slew Rate
vs.
Supply Voltage
Open Loop Frequency Response Over Temperature
Open Loop Frequency Response
Open Loop Frequency Response
Open Loop Gain & Phase with Cap. Loading
Open Loop Gain & Phase with Cap. Loading
Non-Inverting Small Signal Pulse Response
Non-Inverting Large Signal Pulse Response
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV771 LMV772 LMV774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com