Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA32L-8AI Datasheet(PDF) 83 Page - ATMEL Corporation

Part # ATMEGA32L-8AI
Description  8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
PDF  317 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32L-8AI Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button ATMEGA32L-8AI Datasheet HTML 79Page - ATMEL Corporation ATMEGA32L-8AI Datasheet HTML 80Page - ATMEL Corporation ATMEGA32L-8AI Datasheet HTML 81Page - ATMEL Corporation ATMEGA32L-8AI Datasheet HTML 82Page - ATMEL Corporation ATMEGA32L-8AI Datasheet HTML 83Page - ATMEL Corporation ATMEGA32L-8AI Datasheet HTML 84Page - ATMEL Corporation ATMEGA32L-8AI Datasheet HTML 85Page - ATMEL Corporation ATMEGA32L-8AI Datasheet HTML 86Page - ATMEL Corporation ATMEGA32L-8AI Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 317 page
background image
83
ATmega32(L)
2503F–AVR–12/03
than half the system clock frequency (f
ExtClk < fclk_I/O/2) given a 50/50% duty cycle. Since
the edge detector uses sampling, the maximum frequency of an external clock it can
detect is half the sampling frequency (Nyquist sampling theorem). However, due to vari-
ation of the system clock frequency and duty cycle caused by Oscillator source (crystal,
resonator, and capacitors) tolerances, it is recommended that maximum frequency of an
external clock source is less than f
clk_I/O/2.5.
An external clock source can not be prescaled.
Figure 39. Prescaler for Timer/Counter0 and Timer/Counter1
(1)
Note:
1. The synchronization logic on the input pins (
T1/T0) is shown in Figure 38.
Special Function IO Register –
SFIOR
• Bit 0 – PSR10: Prescaler Reset Timer/Counter1 and Timer/Counter0
When this bit is written to one, the Timer/Counter1 and Timer/Counter0 prescaler will be
reset. The bit will be cleared by hardware after the operation is performed. Writing a
zero to this bit will have no effect. Note that Timer/Counter1 and Timer/Counter0 share
the same prescaler and a reset of this prescaler will affect both timers. This bit will
always be read as zero.
PSR10
Clear
clk
T1
clk
T0
T1
T0
clk
I/O
Synchronization
Synchronization
Bit
7
6
5
4
3
2
1
0
ADTS2
ADTS1
ADTS0
–
ACME
PUD
PSR2
PSR10
SFIOR
Read/Write
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com