Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF84A-20/P Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC16LF84A-20/P
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84A-20/P Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC16LF84A-20/P Datasheet HTML 51Page - Microchip Technology PIC16LF84A-20/P Datasheet HTML 52Page - Microchip Technology PIC16LF84A-20/P Datasheet HTML 53Page - Microchip Technology PIC16LF84A-20/P Datasheet HTML 54Page - Microchip Technology PIC16LF84A-20/P Datasheet HTML 55Page - Microchip Technology PIC16LF84A-20/P Datasheet HTML 56Page - Microchip Technology PIC16LF84A-20/P Datasheet HTML 57Page - Microchip Technology PIC16LF84A-20/P Datasheet HTML 58Page - Microchip Technology PIC16LF84A-20/P Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
PIC16F84A
© 1998 Microchip Technology Inc.
Preliminary
DS35007A-page 55
11.0
PACKAGING INFORMATION
11.1
Package Marking Information
18L PDIP
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
AABBCDE
AABBCDE
XXXXXXXXXXXX
XXXXXXXXXXXX
18L SOIC
Example
PIC16F84A-04I/P
9832SAW
XXXXXXXXXXXX
9848SAN
/SO
PIC16F84A-04
Example
AABBCDE
XXXXXXXXXX
XXXXXXXXXX
20L SSOP
9822CAN
20/SS
PIC16F84A-
Example
Legend: MM...M
Microchip part number information
XX...X
Customer specific information*
AA
Year code (last 2 digits of calendar year)
BB
Week code (week of January 1 is week ‘01’)
C
Facility code of the plant at which wafer is manufactured
O = Outside Vendor
C = 5” Line
S = 6” Line
H = 8” Line
D
Mask revision number
E
Assembly code of the plant or country of origin in which
part was assembled
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week code, facility code, mask
rev#, and assembly code. For OTP marking beyond this, certain price adders apply. Please check with
your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com