Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF84A-20/P Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC16LF84A-20/P
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84A-20/P Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC16LF84A-20/P Datasheet HTML 53Page - Microchip Technology PIC16LF84A-20/P Datasheet HTML 54Page - Microchip Technology PIC16LF84A-20/P Datasheet HTML 55Page - Microchip Technology PIC16LF84A-20/P Datasheet HTML 56Page - Microchip Technology PIC16LF84A-20/P Datasheet HTML 57Page - Microchip Technology PIC16LF84A-20/P Datasheet HTML 58Page - Microchip Technology PIC16LF84A-20/P Datasheet HTML 59Page - Microchip Technology PIC16LF84A-20/P Datasheet HTML 60Page - Microchip Technology PIC16LF84A-20/P Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
PIC16F84A
© 1998 Microchip Technology Inc.
Preliminary
DS35007A-page 57
11.3
K04-051 18-Lead Plastic Small Outline (SO) – Wide, 300 mil
0.014
0.009
0.010
0.011
0.005
0.005
0.010
0.394
0.292
0.450
0.004
0.048
0.093
MIN
n
Number of Pins
Mold Draft Angle Bottom
Mold Draft Angle Top
Lower Lead Width
Chamfer Distance
Outside Dimension
Molded Package Width
Molded Package Length
Overall Pack. Height
Lead Thickness
Radius Centerline
Foot Angle
Foot Length
Gull Wing Radius
Shoulder Radius
Standoff
Shoulder Height
β
α
R2
R1
E1
A2
A1
X
φ
B†
c
L1
L
E‡
D‡
A
Dimension Limits
Pitch
Units
p
18
18
0
0
12
12
15
15
4
0.020
0
0.017
0.011
0.015
0.016
0.005
0.005
0.407
0.296
0.456
0.008
0.058
0.099
0.029
0.019
0.012
0.020
0.021
0.010
0.010
8
0.419
0.299
0.462
0.011
0.068
0.104
0
0
12
12
15
15
0.42
0.27
0.38
0.41
0.13
0.13
0.50
10.33
7.51
11.58
0.19
1.47
2.50
0.25
0
0.36
0.23
0.25
0.28
0.13
0.13
10.01
7.42
11.43
0.10
1.22
2.36
0.74
48
0.48
0.30
0.51
0.53
0.25
0.25
10.64
7.59
11.73
0.28
1.73
2.64
INCHES*
0.050
NOM
MAX
1.27
MILLIMETERS
MIN
NOM
MAX
n
2
1
R2
R1
L1
L
β
c
φ
X
45
°
D
p
B
E
E1
α
A1
A2
A
* Controlling Parameter.
† Dimension “B” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B.”
‡ Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010” (0.254 mm) per side or 0.020” (0.508 mm) more than dimensions “D” or “E.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com