Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTLJS3A18PZ Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTLJS3A18PZ
Description  Single P?묬hannel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS3A18PZ Datasheet(HTML) 5 Page - ON Semiconductor

  NTLJS3A18PZ Datasheet HTML 1Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 2Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 3Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 4Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 5Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTLJS3A18PZ
http://onsemi.com
5
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
Figure 13. Maximum Rated Forward Biased
Safe Operating Area
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 14. FET Thermal Response
t, TIME (s)
RqJA = 69°C/W
Steady State
Single Pulse
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
0.01
VGS ≤ −8 V
Single Pulse
TC = 25°C
RDS(on) Limit
Thermal Limit
Package Limit
10 ms
100 ms
1 ms
10 ms
dc
0.01
0.1
1
10
100
0.1
1
10
100
1E+00
1E+01
1E+02
1E+03
1E−06
1E−05
1E−04
1E−03
1E−02
1E−01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com