Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTLJS3A18PZ Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTLJS3A18PZ
Description  Single P?묬hannel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS3A18PZ Datasheet(HTML) 1 Page - ON Semiconductor

  NTLJS3A18PZ Datasheet HTML 1Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 2Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 3Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 4Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 5Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2012
November, 2012 − Rev. 0
1
Publication Order Number:
NTLJS3A18PZ/D
NTLJS3A18PZ
Power MOSFET
−20 V, −8.2 A, mCoolt Single P−Channel,
2.0x2.0x0.8 mm WDFN Package
Features
• WDFN Package with Exposed Drain Pads for Excellent Thermal
Conduction
• Low Profile WDFN (2.0x2.0x0.8 mm) for Board Space Saving
• Ultra Low RDS(on)
• ESD Diode−Protected Gate
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
• Optimized for Power Management Applications for Portable
Products, such as Smart Phones, Media Tablets, PMP, DSC, GPS, and
Others
• Battery Switch
• High Side Load Switch
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−20
V
Gate−to−Source Voltage
VGS
±8.0
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
−8.2
A
TA = 85°C
−5.9
t ≤ 5 s
TA = 25°C
−11.2
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
1.8
W
t ≤ 5 s
3.4
Continuous Drain
Current (Note 2)
Steady
State
TA = 25°C
ID
−5.0
A
TA = 85°C
−3.6
Power Dissipation
(Note 2)
TA = 25°C
PD
0.7
W
Pulsed Drain Current
tp = 10 ms
IDM
−40
A
Operating Junction and Storage Temperature
TJ, TSTG
−55 to
150
°C
ESD (HBM, JESD22−A114)
VESD
2000
V
Source Current (Body Diode) (Note 2)
IS
−1.1
A
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq
[2 oz] including traces).
2. Surface Mounted on FR4 Board using the minimum recommended pad size,
(30 mm2, 2 oz Cu).
http://onsemi.com
−20 V
25 mW @ −2.5 V
18 mW @ −4.5 V
RDS(on) MAX
−8.2 A
ID MAX
V(BR)DSS
50 mW @ −1.8 V
90 mW @ −1.5 V
G
S
P−CHANNEL MOSFET
D
AC = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
ACMG
G
1
2
3
6
5
4
WDFN6
CASE 506AP
MARKING
DIAGRAM
Device
Package
Shipping†
ORDERING INFORMATION
NTLJS3A18PZTWG
WDFN6
(Pb−Free)
10000/Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
PIN CONNECTIONS
S
D
Pin 1
NTLJS3A18PZTXG


Similar Part No. - NTLJS3A18PZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJS3113P ONSEMI-NTLJS3113P Datasheet
79Kb / 6P
Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
May, 2006 ??Rev. 3
NTLJS3113P ONSEMI-NTLJS3113P Datasheet
166Kb / 6P
Power MOSFET
May, 2016 ??Rev. 6
NTLJS3113PT1G ONSEMI-NTLJS3113PT1G Datasheet
79Kb / 6P
Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
May, 2006 ??Rev. 3
NTLJS3113PT1G ONSEMI-NTLJS3113PT1G Datasheet
166Kb / 6P
Power MOSFET
May, 2016 ??Rev. 6
logo
VBsemi Electronics Co.,...
NTLJS3113PT1G VBSEMI-NTLJS3113PT1G Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
More results

Similar Description - NTLJS3A18PZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSF3P03HD ONSEMI-MMSF3P03HD Datasheet
273Kb / 12P
P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTSF1P02HD ONSEMI-MTSF1P02HD Datasheet
287Kb / 12P
P?묬hannel Power MOSFET
February, 2005 ??Rev. XXX
MTSF2P02HD ONSEMI-MTSF2P02HD Datasheet
284Kb / 12P
P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTSF2P03HD ONSEMI-MTSF2P03HD Datasheet
288Kb / 12P
P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTB23P06V ONSEMI-MTB23P06V Datasheet
263Kb / 10P
P?묬hannel Power MOSFET
August, 2006 ??Rev. 3
MTD20P03HDL ONSEMI-MTD20P03HDL Datasheet
94Kb / 9P
P?묬hannel DPAK Power MOSFET
July, 2006 ??Rev. 7
MTP5P06V ONSEMI-MTP5P06V Datasheet
207Kb / 7P
P?묬hannel Power MOSFET
August, 2006 ??Rev. 3
MTP6P20E ONSEMI-MTP6P20E Datasheet
208Kb / 7P
P?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTP30P06V ONSEMI-MTP30P06V Datasheet
210Kb / 7P
P?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NVJS4151P ONSEMI-NVJS4151P Datasheet
121Kb / 5P
Single P?묬hannel Trench Power MOSFET
August, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com