Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTMFS4833NST1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4833NST1G
Description  Single N?묬hannel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4833NST1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4833NST1G Datasheet HTML 1Page - ON Semiconductor NTMFS4833NST1G Datasheet HTML 2Page - ON Semiconductor NTMFS4833NST1G Datasheet HTML 3Page - ON Semiconductor NTMFS4833NST1G Datasheet HTML 4Page - ON Semiconductor NTMFS4833NST1G Datasheet HTML 5Page - ON Semiconductor NTMFS4833NST1G Datasheet HTML 6Page - ON Semiconductor NTMFS4833NST1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTMFS4833NS
http://onsemi.com
4
TYPICAL CHARACTERISTIC CURVES
4.0 V thru 6.0 V
2.8 V
3.2 V
3.0 V
60
0.003
0
20
1.20
1,000
100,000
02
1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
0
0.006
0
4
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
−50
25
0
−25
50
75
2.5
3
15
10
30
0
3
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
VGS = 4.5 V
125
VGS = 0 V
ID = 30 A
VGS = 10 V
TJ = 150°C
50
0
4
4.5
TJ = 25°C
20
1.80
100
4
1.5
610
0.001
3.4 V
3.6 V
3.8 V
60
20
200
25
200
ID = 30 A
TJ = 25°C
8
VGS = 10 V
100
TJ = 25°C
0.002
0
5
75
2
10
12
0.004
25
80
100
120
160
180
100
175
0.002
0.004
0.008
30
50
40
1.60
0.80
TJ = 125°C
150
0.016
125
150
10,000
5
0.60
1.00
1.40
40
140
3.5
0.010
0.012
0.014
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com