Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMSF7N03Z Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMSF7N03Z
Description  N?묬hannel SO?? Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF7N03Z Datasheet(HTML) 2 Page - ON Semiconductor

  MMSF7N03Z Datasheet HTML 1Page - ON Semiconductor MMSF7N03Z Datasheet HTML 2Page - ON Semiconductor MMSF7N03Z Datasheet HTML 3Page - ON Semiconductor MMSF7N03Z Datasheet HTML 4Page - ON Semiconductor MMSF7N03Z Datasheet HTML 5Page - ON Semiconductor MMSF7N03Z Datasheet HTML 6Page - ON Semiconductor MMSF7N03Z Datasheet HTML 7Page - ON Semiconductor MMSF7N03Z Datasheet HTML 8Page - ON Semiconductor MMSF7N03Z Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MMSF7N03Z
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
30
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 15
Vdc
Drain Current
− Continuous @ TA = 25°C (Note 1)
− Continuous @ TA = 70°C (Note 1)
− Pulsed Drain Current (Note 3)
ID
ID
IDM
7.5
5.6
60
Adc
Apk
Total Power Dissipation @ TA = 25°C (Note 1)
Linear Derating Factor (Note 1)
PD
2.5
20
Watts
mW/°C
Total Power Dissipation @ TA = 25°C (Note 2)
Linear Derating Factor (Note 2)
PD
1.6
12
Watts
mW/°C
Operating and Storage Temperature Range
TJ, Tstg
− 55 to 150
°C
Single Pulse Drain−to−Source Avalanche Energy − Starting TJ = 25°C
(VDD = 30 Vdc, VGS = 5.0 Vdc, Peak IL = 15 Apk, L = 4.0 mH, RG = 25 Ω)
EAS
450
mJ
Thermal Resistance
− Junction to Ambient (Note 1)
− Junction to Ambient (Note 2)
RθJA
50
80
°C/W
1. When mounted on 1″ square FR−4 or G−10 board (VGS = 10 V, @ 10 Seconds)
2. When mounted on 1″ square FR−4 or G−10 board (VGS = 10 V, @ Steady State)
3. Repetitive rating; pulse width limited by maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com