Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMSF7N03Z Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMSF7N03Z
Description  N?묬hannel SO?? Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF7N03Z Datasheet(HTML) 3 Page - ON Semiconductor

  MMSF7N03Z Datasheet HTML 1Page - ON Semiconductor MMSF7N03Z Datasheet HTML 2Page - ON Semiconductor MMSF7N03Z Datasheet HTML 3Page - ON Semiconductor MMSF7N03Z Datasheet HTML 4Page - ON Semiconductor MMSF7N03Z Datasheet HTML 5Page - ON Semiconductor MMSF7N03Z Datasheet HTML 6Page - ON Semiconductor MMSF7N03Z Datasheet HTML 7Page - ON Semiconductor MMSF7N03Z Datasheet HTML 8Page - ON Semiconductor MMSF7N03Z Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MMSF7N03Z
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(Cpk ≥ 2.0)
(Notes 4 & 6)
(VGS = 0 Vdc, ID = 250 μAdc)
Temperature Coefficient (Positive)
V(BR)DSS
30
−
−
35
−
−
Vdc
mV/°C
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 30 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−
−
0.03
0.15
2.0
10
μAdc
Gate−Body Leakage Current (VGS = ± 15 Vdc, VDS = 0)
IGSS
−
1.3
5.0
μAdc
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
(Cpk ≥ 2.0)
(Notes 4 & 6)
(VDS = VGS, ID = 250 μAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
−
2.0
5.5
3.0
−
Vdc
mV/°C
Static Drain−to−Source On−Resistance
(Cpk ≥ 2.0)
(Notes 4 & 6)
(VGS = 10 Vdc, ID = 7.5 Adc)
(VGS = 4.5 Vdc, ID = 3.8 Adc)
RDS(on)
−
−
22
30
30
40
mΩ
Forward Transconductance (VDS = 3.0 Vdc, ID = 3.8 Adc)
(Note 4)
gFS
4.0
9.5
−
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 24 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
−
750
1500
pF
Output Capacitance
Coss
−
340
680
Transfer Capacitance
Crss
−
45
90
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
(VDS = 15 Vdc, ID = 5.0 Adc,
VGS = 10 Vdc, RG = 6 Ω) (Note 4)
td(on)
−
40
80
ns
Rise Time
tr
−
90
180
Turn−Off Delay Time
td(off)
−
470
940
Fall Time
tf
−
170
340
Turn−On Delay Time
(VDD = 15 Vdc, ID = 5.0 Adc,
VGS = 4.5 Vdc, RG = 6 Ω) (Note 4)
td(on)
−
120
240
ns
Rise Time
tr
−
350
700
Turn−Off Delay Time
td(off)
−
430
860
Fall Time
tf
−
140
280
Gate Charge
(VDS = 24 Vdc, ID = 5.0 Adc,
VGS = 10 Vdc) (Note 4)
QT
−
34
48
nC
Q1
−
3.5
−
Q2
−
9.5
−
Q3
−
6.5
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage (Note 4)
(IS = 7.5 Adc, VGS = 0 Vdc) (Note 4)
(IS = 7.5 Adc, VGS = 0 Vdc,
TJ = 125°C)
VSD
−
−
0.83
0.67
1.6
−
Vdc
Reverse Recovery Time
(IS = 7.5 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/μs) (Note 4)
trr
−
110
−
ns
ta
−
22
−
tb
−
90
−
Reverse Recovery Storage Charge
QRR
−
0.17
−
μC
4. Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2%.
5. Switching characteristics are independent of operating junction temperatures.
6. Reflects typical values.
Cpk =
Max limit − Typ
3 x SIGMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com