Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP45540IMNTWG.H Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP45540IMNTWG.H
Description  Advanced Load Management
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45540IMNTWG.H Datasheet(HTML) 3 Page - ON Semiconductor

  NCP45540IMNTWG.H Datasheet HTML 1Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 2Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 3Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 4Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 5Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 6Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 7Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 8Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NCP45540
www.onsemi.com
3
Table 3. OPERATING RANGES
Rating
Symbol
Min
Max
Unit
Supply Voltage
VCC
3
5.5
V
Input Voltage
VIN
0.5
13.5
V
Ground
GND
0
V
Ambient Temperature
TA
−40
85
°C
Junction Temperature
TJ
−40
125
°C
Table 4. ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Conditions (Note 7)
Symbol
Min
Typ
Max
Unit
MOSFET
On−Resistance
VCC = 3.3 V; VIN = 1.8 V
RON
3.3
4.5
m
W
VCC = 3.3 V; VIN = 5 V
3.6
4.9
VCC = 3.3 V; VIN = 12 V
4.8
7.7
Leakage Current (Note 8)
VEN = 0 V; VIN = 13.5 V
ILEAK
0.1
1.0
mA
CONTROLLER
Supply Standby Current (Note 9)
VEN = 0 V; VCC = 3 V
ISTBY
0.65
2.0
mA
VEN = 0 V; VCC = 5.5 V
3.2
4.5
Supply Dynamic Current (Note 10)
VEN = VCC = 3 V; VIN = 12 V
IDYN
280
400
mA
VEN = VCC = 5.5 V; VIN = 1.8 V
530
750
Bleed Resistance
VEN = 0 V; VCC = 3 V
RBLEED
86
115
144
W
VEN = 0 V; VCC = 5.5 V
72
97
121
Bleed Pin Leakage Current
VEN = VCC = 3 V, VIN = 1.8 V
IBLEED
6.0
10
mA
VEN = VCC = 3 V, VIN = 12 V
60
70
EN Input High Voltage
VCC = 3 V − 5.5 V
VIH
2.0
V
EN Input Low Voltage
VCC = 3 V − 5.5 V
VIL
0.8
V
EN Input Leakage Current
NCP45540−H; VEN = 0 V
IIL
90
500
nA
NCP45540−L; VEN = VCC
IIH
90
500
EN Pull Down Resistance
NCP45540−H
RPD
76
100
124
k
W
EN Pull Up Resistance
NCP45540−L
RPU
76
100
124
k
W
PG Output Low Voltage (Note 11)
VCC = 3 V; ISINK = 5 mA
VOL
0.2
V
PG Output Leakage Current (Note 12)
VCC = 3 V; VTERM = 3.3 V
IOH
5.0
100
nA
Slew Rate Control Constant (Note 13)
VCC = 3 V
KSR
26
33
40
mA
FAULT PROTECTIONS
Thermal Shutdown Threshold (Note 14)
VCC = 3 V − 5.5 V
TSDT
145
°C
Thermal Shutdown Hysteresis (Note 14)
VCC = 3 V − 5.5 V
THYS
20
°C
VIN Undervoltage Lockout Threshold
VCC = 3 V
VUVLO
0.25
0.35
0.45
V
VIN Undervoltage Lockout Hysteresis
VCC = 3 V
VHYS
25
40
60
mV
Short−Circuit Protection Threshold
VCC = 3 V; VIN = 0.5 V
VSC
200
265
350
mV
VCC = 3 V; VIN = 13.5 V
100
285
500
7. VEN shown only for NCP45540−H, (EN Active−High) unless otherwise specified.
8. Average current from VIN to VOUT with MOSFET turned off.
9. Average current from VCC to GND with MOSFET turned off.
10. Average current from VCC to GND after charge up time of MOSFET.
11. PG is an open-drain output that is pulled low when the MOSFET is disabled.
12. PG is an open-drain output that is not driven when the gate of the MOSFET is fully charged, requires an external pull up resistor
≥ 1 kW to
an external voltage source, VTERM.
13. See Applications Information section for details on how to adjust the slew rate.
14. Operation above TJ = 125°C is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com