Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H7CX-R11D1-N Datasheet(PDF) 36 Page - Omron Electronics LLC

Part # H7CX-R11D1-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11D1-N Datasheet(HTML) 36 Page - Omron Electronics LLC

Back Button H7CX-R11D1-N Datasheet HTML 32Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 33Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 34Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 35Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 36Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 37Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 38Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 39Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 40Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
36
H7CX-A
@-N
Key Protect Level
It is possible to prevent setting errors by prohibiting the use of certain operation keys by specifying the key protect level (KP-1 to KP-7) when the
key-protect switch is set to ON.
The key protect level is set in the function setting mode. The key protect indicator is lit when the key-protect switch is ON.
* Changing mode to configuration selection mode or function setting mode.
Self-diagnostic Function
The following displays will appear if an error occurs.
*1. Displays for 4-digit models are given in parentheses.
*2. This includes times when the life of the EEPROM has expired.
*3. This occurs if the present value or total count value falls below
−99999
(
−999 for 4-digit models).
*4. This occurs in the following conditions if the present value (i.e.,
measurement value) exceeds 999999 (9999 for 4-digit models).
• For Output Modes K-2, D, L, or H
• Dual counter or tachometer operation is used.
*5. Display flashes.(1-second cycles)
*6. This does not apply when tachometer operation is used.
*7. This is displayed if the alarm value setting for either of the two outputs is
exceeded if a model with two outputs is used.The total ON count will not be
cleared by using the Reset Key.
*8. The normal display and
e3 will appear alternately.
When the Reset Key is pressed,
e3 will not be displayed even if the alarm
set value is exceeded.
(Monitoring is possible, however, because the counter will continue without
the output ON count being cleared.)
Level
Description
Details
Changing modes*
Switching display
during operation
Reset Key
Up/Down Keys
KP-1
(default setting)
Invalid
Valid
Valid
Valid
KP-2
Invalid
Valid
Invalid
Valid
KP-3
Invalid
Valid
Valid
Invalid
KP-4
Invalid
Valid
Invalid
Invalid
KP-5
Invalid
Invalid
Invalid
Invalid
KP-6
Invalid
Invalid
Valid
Valid
KP-7
Invalid
Invalid
Invalid
Valid
*Factory-set to OFF
ON
(Enable)
OFF
(Disable)
*
Key protect indicator
Main display
Sub-display
Description
Output status
Correction method
Set value after reset
----- (----)*1*5
No change
Present value underflow*3
No change
Either press the Reset Key or turn
ON reset input.
No change
fffff (ffff)*1*5
No change
Present value overflow*4
No change
Either press the Reset Key or turn
ON reset input.*6
No change
e1
Not lit
CPU error
OFF
Either press the Reset Key or
reset the power supply.
No change
e2
Not lit
Memory error (RAM)
OFF
Turn ON the power again.
No change
e2
sum
Memory error (EEPROM)*2
OFF
Reset Key
Factory setting
e3*8
No change
Output Counter Overflow
No change
Reset Key*7
No change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com