Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H7CX-R11D1-N Datasheet(PDF) 48 Page - Omron Electronics LLC

Part # H7CX-R11D1-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11D1-N Datasheet(HTML) 48 Page - Omron Electronics LLC

Back Button H7CX-R11D1-N Datasheet HTML 44Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 45Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 46Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 47Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 48Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 49Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 50Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 51Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 52Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
48
H7CX-R
@-N
Key Protect Level
When the key-protect switch is set to ON, it is possible to prevent setting errors by prohibiting the use of certain operation keys by specifying the
key protect level (KP-1 to KP-7). The key protect level is set in the function setting mode. The key protect indicator is lit when the key-protect switch
is ON.
* Changing mode to DIP switch monitor mode or function setting mode.
Self-diagnostic Function
The following displays will appear if an error occurs.
*1. This includes times when the life of the EEPROM has expired.
*2. Occurs when the measurement value reaches 999,999.
*3. Display flashes (1-second cycles).
*4. The normal display and
e3 will appear alternately.
When the Hold Key is pressed,
e3 will not be displayed even if the alarm set value is exceeded. (Monitoring is possible, however, because the counter will continue
without clearing the output ON count.)
Level
Meaning
Details
Changing mode*
Switching display
during operation
Hold Key
Up Key
KP-1
(default setting)
Invalid
Valid
Valid
Valid
KP-2
Invalid
Valid
Invalid
Valid
KP-3
Invalid
Valid
Valid
Invalid
KP-4
Invalid
Valid
Invalid
Invalid
KP-5
Invalid
Invalid
Invalid
Invalid
KP-6
Invalid
Invalid
Valid
Valid
KP-7
Invalid
Invalid
Invalid
Valid
Main display
Sub-display
Error
Output status
Correction method
Set value after
reset
ffffff *3
No change
Measurement value overflow*2
No change
Measurement value
≤ 999999
No change
e1
Not lit
CPU
OFF
Either press the hold key or reset the
power supply.
No change
e2
Not lit
Memory error (RAM)
OFF
Turn ON the power again.
No change
e2
sum
Memory error (EEP)*1
OFF
Hold Key
Factory setting
e3 *4
No change
Output Counter Overflow
No change
Hold Key
No change
Key protect indicator
*Factory-set to OFF
ON
(Enable)
OFF
(Disable)
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com